Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC02BQ Datasheet (PDF) - NXP Semiconductors

74ALVC02BQ Datasheet PDF - NXP Semiconductors
Part # 74ALVC02BQ
Download  74ALVC02BQ Download
File Size   85.0 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input NOR gate

74ALVC02BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC02BQ Datasheet PDF - NXP Semiconductors

Part # 74ALVC02BQ
Download  74ALVC02BQ Click to download

File Size   85.0 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input NOR gate

74ALVC02BQ Datasheet (HTML) - NXP Semiconductors


74ALVC02BQ Product details

DESCRIPTION
The 74ALVC02 is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families.
Schmitt-trigger action at all inputs makes the circuit tolerant for slower input rise and fall times.
The 74ALVC02 provides the 2-input NOR function.

FEATURES
• Wide supply voltage range from 1.65 to 3.6 V
• 3.6 V tolerant inputs/outputs
• CMOS low power consumption
• Direct interface with TTL levels (2.7 to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• Complies with JEDEC standard:
    JESD8-7 (1.65 to 1.95 V)
    JESD8-5 (2.3 to 2.7 V)
    JESD8B/JESD36 (2.7 to 3.6 V).
• ESD protection:
    HBM EIA/JESD22-A114-A exceeds 2000 V
    MM EIA/JESD22-A115-A exceeds 200 V.




Similar Part No. - 74ALVC02BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC02BQ NEXPERIA-74ALVC02BQ Datasheet
234Kb / 13P
Quad 2-input NOR gate
Rev. 5 - 27 July 2021
More results


Similar Description - 74ALVC02BQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com