Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC02BQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC02BQ
Description  Quad 2-input NOR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC02BQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC02BQ Datasheet HTML 3Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 4Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 5Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 9Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 10Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2003 Jul 14
7
Philips Semiconductors
Product specification
Quad 2-input NOR gate
74ALVC02
AC CHARACTERISTICS
Note
1. All typical values are measured at Tamb =25 °C.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay
nA, nB to nY
see Figs 6 and 7
1.65 to 1.95
1.0
2.8
4.7
ns
2.3 to 2.7
1.0
2.0
3.1
ns
2.7
1.0
2.5
2.9
ns
3.0 to 3.6
1.0
2.2
2.8
ns
handbook, halfpage
MNA218
tPHL
tTHL
tTLH
tPLH
VM
VM
nA, nB input
nY output
GND
VI
VOH
VOL
Fig.6 Inputs nA, nB to output nY propagation delay times.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V 0.5
× VCC
VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× VCC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com