Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47B272QFP Datasheet (PDF) - SMSC Corporation

LPC47B272QFP Datasheet PDF - SMSC Corporation
Part # LPC47B272QFP
Download  LPC47B272QFP Download
File Size   1060.04 Kbytes
Page   195 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 100 Pin Enhanced Super I/O Controller with LPC Interface

LPC47B272QFP Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC47B272QFP Datasheet PDF - SMSC Corporation

Part # LPC47B272QFP
Download  LPC47B272QFP Click to download

File Size   1060.04 Kbytes
Page   195 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 100 Pin Enhanced Super I/O Controller with LPC Interface

LPC47B272QFP Datasheet (HTML) - SMSC Corporation


LPC47B272QFP Product details

GENERAL DESCRIPTION
The LPC47B27x* is a 3.3V PC98/PC99 compliant Super I/O controller. The LPC47B27x implements the LPC interface, a pin reduced ISA bus interface which provides the same or better performance as the ISA/X-bus with a substantial savings in pins used. The LPC47B27x provides fan control through two fan speed control output pins and two fan tachometer input pins. It also provides 37 general purpose input/output (GPIO) pins, a dual game port interface, MPU-401 MIDI support and ISA IRQ to Serial IRQ conversion.

FEATURES
• 3.3 Volt Operation, 5 Volt Tolerant
• LPC Interface
• Fan Control
   - Fan Speed Control Outputs (2)
   - Fan Tachometer Inputs (2)
• Programmable Wake-up Event Interface
• PC98, PC99, and ACPI 1.0 Compliant
• Dual Game Port Interface
• MPU-401 MIDI Support
• General Purpose Input/Output Pins (37)
• ISA IRQ to Serial IRQ Conversion
• ISA Plug-and-Play Compatible Register Set
• Intelligent Auto Power Management
• System Management Interrupt
• 2.88MB Super I/O Floppy Disk Controller
   - Licensed CMOS 765B Floppy Disk Controller
   - Software and Register Compatible with SMSCs Proprietary 82077AA Compatible Core
   - Supports Two Floppy Drives Directly
   - Configurable Open Drain/Push-Pull Output Drivers
   - Supports Vertical Recording Format
   - 16-Byte Data FIFO
   - 100% IBM® Compatibility
   - Detects All Overrun and Underrun Conditions
   - Sophisticated Power Control Circuitry (PCC) Including Multiple Powerdown Modes for Reduced Power Consumption
   - DMA Enable Logic
   - Data Rate and Drive Control Registers
   - 480 Address, Up to 15 IRQ and Three DMA Options
• Floppy Disk Available on Parallel Port Pins
• Enhanced Digital Data Separator
   - 2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data Rates
   - Programmable Precompensation Modes
• Keyboard Controller
   - 8042 Software Compatible
   - 8 Bit Microcomputer
   - 2k Bytes of Program ROM
   - 256 Bytes of Data RAM
   - Four Open Drain Outputs Dedicated for Keyboard/Mouse Interface
   - Asynchronous Access to Two Data Registers and One Status Register
   - Supports Interrupt and Polling Access
   - 8 Bit Counter Timer
   - Port 92 Support
   - Fast Gate A20 and KRESET Outputs
• Serial Ports
   - Two Full Function Serial Ports
   - High Speed NS16C550A Compatible UARTs with Send/Receive 16-Byte FIFOs
   - Supports 230k and 460k Baud Programmable Baud Rate Generator Modem Control Circuitry
   - 480 Address and 15 IRQ Options
• Infrared Port
   - Multiprotocol Infrared Interface
   - 32-Byte Data FIFO
   - IrDA 1.0 Compliant
   - Consumer IR
   - SHARP ASK IR
   - 480 Address, Up to 15 IRQ and Three DMA Options
• Multi-Mode™ Parallel Port with ChiProtect™
   - Standard Mode IBM PC/XT®, PC/AT®, and PS/2™ Compatible Bidirectional Parallel Port
   - Enhanced Parallel Port (EPP) Compatible - EPP 1.7 and EPP 1.9 (IEEE 1284 Compliant)
   - IEEE 1284 Compliant Enhanced Capabilities Port (ECP)
   - ChiProtect Circuitry for Protection
   - 960 Address, Up to 15 IRQ and Three DMA Options
• LPC Interface
   - Multiplexed Command, Address and Data Bus
   - Serial IRQ Interface Compatible with Serialized IRQ Support for PCI Systems
   - PME Interface
• 100 Pin QFP Lead-Free RoHS Compliant Package




Similar Part No. - LPC47B272QFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Similar Description - LPC47B272QFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
Enhanced Super I/O Controller with LPC Interface
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
100 Pin LPC Super I/O with X-Bus Interface
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
56-Pin Super I/O with LPC Interface
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
64-Pin Super I/O with LPC Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com