Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF820A Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF820A Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF820A
Download  IRF820A Download
File Size   202.74 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRF820A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF820A Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF820A
Download  IRF820A Click to download

File Size   202.74 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRF820A Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF820A Product details

DESCRIPTION
• Designed for use in switch mode power supplies and general purpose applications.

FEATURES
• Low RDS(on) = 2.0Ω ( TYP)
• Lower Input Capacitance
• Improved Gate Charge
• Extended Safe Operating Area
• Rugged Gate Oxide Technology




Similar Part No. - IRF820A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF820A IRF-IRF820A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
logo
Vishay Siliconix
IRF820A VISHAY-IRF820A Datasheet
240Kb / 8P
Power MOSFET
19-Jun-08
IRF820A VISHAY-IRF820A Datasheet
168Kb / 9P
Power MOSFET
16-Aug-2021
logo
International Rectifier
IRF820AL IRF-IRF820AL Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
logo
Vishay Siliconix
IRF820AL VISHAY-IRF820AL Datasheet
168Kb / 8P
Power MOSFET
02-Jun-08
More results


Similar Description - IRF820A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com