Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF820A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF820A
Description  N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF820A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF820A Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF820A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
IRF820A
FEATURES
·
Low RDS(on) = 2.0Ω( TYP)
·
Lower Input Capacitance
·
Improved Gate Charge
·
Extended Safe Operating Area
·
Rugged Gate Oxide Technology
DESCRIPTION
·
Designed for use in switch mode power supplies and general
purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
500
V
VGS
Gate-Source Voltage-Continuous
±
30
V
ID
Drain Current-Continuous
2.5
A
IDM
Drain Current-Single Pluse
128
A
PD
Total Dissipation @TC=25℃
50
W
TJ
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.57
℃
/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃
/W


Similar Part No. - IRF820A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF820A IRF-IRF820A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
logo
Vishay Siliconix
IRF820A VISHAY-IRF820A Datasheet
240Kb / 8P
Power MOSFET
19-Jun-08
IRF820A VISHAY-IRF820A Datasheet
168Kb / 9P
Power MOSFET
16-Aug-2021
logo
International Rectifier
IRF820AL IRF-IRF820AL Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
logo
Vishay Siliconix
IRF820AL VISHAY-IRF820AL Datasheet
168Kb / 8P
Power MOSFET
02-Jun-08
More results

Similar Description - IRF820A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com