Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82443BX Datasheet (PDF) - Intel Corporation

82443BX Datasheet PDF - Intel Corporation
Part # 82443BX
Download  82443BX Download
File Size   645.51 Kbytes
Page   132 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Host Bridge/Controller

82443BX Datasheet (PDF)

Go To PDF Page Download Datasheet
82443BX Datasheet PDF - Intel Corporation

Part # 82443BX
Download  82443BX Click to download

File Size   645.51 Kbytes
Page   132 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Host Bridge/Controller

82443BX Datasheet (HTML) - Intel Corporation


82443BX Product details

The Intel® 440BX AGPset is intended for the Pentium® II processor platform and emerging 3D graphics/multimedia applications. The 82443BX Host Bridge provides a Host-to-PCI bridge, optimized DRAM controller and data path, and an Accelerated Graphic Port (AGP) interface. AGP is a high performance, component level interconnect targeted at 3D graphics applications and is based on a set of performance enhancements to PCI.

The I/O subsystem portion of the Intel® 440BX AGPset platform is based on the 82371EB (PIIX4E), a highly integrated version of the Intel’s PCI-ISA bridge family. The Intel® 440BX AGPset is ideal for the Mobile AGPset Pentium II processor platforms; providing full support for all system suspend modes and segmented power planes.



Intel 82443BX Features

• Processor/host bus support

   — Optimized for Pentium® II processor at 100 MHz system bus frequency; Support for 66 MHz

   — Supports full symmetric Multiprocessor (SMP) Protocol for up to two processors; I/O APIC related buffer management support (WSC# signal)

   — In-order transaction and dynamic deferred transaction support

   — Desktop optimized GTL+ bus driver technology (gated GTL+ receivers for reduced power)

• Integrated DRAM controller

   — 8 to 512 Mbytes or 1GB (with registered DIMMs)

   — Supports up to 4 double-sided DIMMs (8 rows memory)

   — 64-bit data interface with ECC support (SDRAM only)

   — Unbuffered and Registered SDRAM (Synchronous) DRAM Support (x-1-1-1 access @ 66 MHz, x-1-1-1 access @ 100 MHz)

   — Enhanced SDRAM Open Page Architecture Support for 16- and 64-Mbit DRAM devices with 2k, 4k and 8k page sizes

• PCI bus interface

   — PCI Rev. 2.1, 3.3V and 5V, 33MHz interface compliant

   — PCI Parity Generation Support

   — Data streaming support from PCI to DRAM

   — Delayed Transaction support for PCI-DRAM Reads

   — Supports concurrent CPU, AGP and PCI transactions to main memory

• AGP interface

   — Supports single AGP compliant device (AGP-66/133 3.3V device)

   — AGP Specification Rev 1.0 compliant

   — AGP-data/transaction flow optimized arbitration mechanism

   — AGP side-band interface for efficient request pipelining without interfering with the data streams

   — AGP-specific data buffering

   — Supports concurrent CPU, AGP and PCI transactions to main memory

   — AGP high-priority transactions (“expedite”) support

• Power Management Functions

   — Stop Clock Grant and Halt special cycle translation (host to PCI Bus)

   — Mobile and “Deep Green” Desktop support for system suspend/resume (i.e., DRAM and power-on suspend)

   — Dynamic power down of idle DRAM rows

   — SDRAM self-refresh power down support in suspend mode

   — Independent, internal dynamic clock gating reduces average power dissipation

   — Static STOP CLOCK support

   — Power-on Suspend mode

   — Suspend to DRAM

   — ACPI compliant power management

• Packaging/Voltage

   — 492 Pin BGA

   — 3.3V core and mixed 3.3V and GTL I/O

• Supporting I/O Bridge

   — System Management Bus (SMB) with support for DIMM Serial Presence Detect (SPD)

   — PCI-ISA Bridge (PIIX4E)

   — Power Management Support

   — 3.3V core and mixed 5V, 3.3V I/O and interface to the 2.5V CPU signals via open-drain output buffers



 




Similar Part No. - 82443BX

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
82443 MALLORY-82443 Datasheet
64Kb / 1P
Ford BlasterTM Coil-on-Plug Modular 4-valve, 99-14, 4.6/5.4L
logo
Intel Corporation
82443GX INTEL-82443GX Datasheet
850Kb / 128P
Intel 440GX AGPset: 82443GX Host Bridge/Controller
82443LX INTEL-82443LX Datasheet
610Kb / 144P
INTEL 440LX AGPSET: 82443LX PCI A.G.P. CONTROLLER (PAC)
82443MX INTEL-82443MX Datasheet
826Kb / 173P
PCIset
82443ZX INTEL-82443ZX Datasheet
502Kb / 116P
Intel짰 440ZX AGPset: Host Bridge/Controller
More results


Similar Description - 82443BX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
List of Unclassifed Man...
PL-2501 ETC-PL-2501 Datasheet
40Kb / 1P
Hi-Speed USB Host to Host Bridge Controller
logo
Intel Corporation
82443GX INTEL-82443GX Datasheet
850Kb / 128P
Intel 440GX AGPset: 82443GX Host Bridge/Controller
82443ZX INTEL-82443ZX Datasheet
502Kb / 116P
Intel짰 440ZX AGPset: Host Bridge/Controller
logo
Silicon image
SII0680 SILICONIMAGE-SII0680 Datasheet
207Kb / 2P
SteelVine??Host Controller
SII3531 SILICONIMAGE-SII3531 Datasheet
217Kb / 2P
SteelVine??Host Controller
logo
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
USB3.0 Host Controller
logo
List of Unclassifed Man...
PL2701 ETC2-PL2701 Datasheet
208Kb / 1P
Super-Speed USB Host to Host Bridge Controller
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
Hi-Speed USB Host to Host Bridge Controller
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
SuperSpeed USB 3.0 Host-to-Host Bridge Controller
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com