Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82443LX Datasheet (PDF) - Intel Corporation

82443LX Datasheet PDF - Intel Corporation
Part # 82443LX
Download  82443LX Download
File Size   610.08 Kbytes
Page   144 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description INTEL 440LX AGPSET: 82443LX PCI A.G.P. CONTROLLER (PAC)

82443LX Datasheet (PDF)

Go To PDF Page Download Datasheet
82443LX Datasheet PDF - Intel Corporation

Part # 82443LX
Download  82443LX Click to download

File Size   610.08 Kbytes
Page   144 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description INTEL 440LX AGPSET: 82443LX PCI A.G.P. CONTROLLER (PAC)

82443LX Datasheet (HTML) - Intel Corporation


82443LX Product details

The 82443LX (PAC) is the first generation of desktop AGPset designed for the Pentium II processor. The 82443LX PCI A.G.P. Controller (PAC) integrates a Host-to-PCI bridge, optimized DRAM controller and data path, and an Accelerated Graphics Port (A.G.P.) interface. A.G.P. is a high performance, component level interconnect, targeted at 3D graphics applications and based on a set of performance enhancements to PCI. The I/O subsystem portion of the PAC platform is based on the PIIX4, a highly integrated version of the Intel’s PCI-to-ISA bridge family. PAC is developed as the ultimate Pentium II processor platform and is targeted for emerging 3D graphics and multimedia applications. The 440LX AGPset may contain design defects or errors known as errata which may cause the product to deviate from published specifications. Current characterized errata are available on request.



■ Supports the Pentium II Processor at a Bus Frequency of 66 MHz

- Supports 32-Bit Addressing

- Optimized In-Order and Request Queue

- Full Symmetric Multi-Processor (SMP) Protocol for Up to Two Processors

- Dynamic Deferred Transaction Support

- GTL+ Compliant Host Bus Supports WC Cycles

■ Integrated DRAM Controller

- EDO (Extended Data Out), and Synchronous DRAM Support

- Supports a Maximum Memory Size of 512 MB With SDRAM, or 1 GB With EDO

- 64/72-bit Path to Memory

- Configurable DRAM Interface

- Support for Auto Detection of Memory Type: (DIMM Serial Presence Detect)

- 8 RAS Lines Available

- Support for 4-, 16- and 64-Mbit DRAM devices

- Support for Symmetrical and Asymmetrical DRAM Addressing

- Configurable Support for ECC/EC

- ECC With Single Bit Error Correction and Multiple Bit Error Detection

- Read-Around-Write Support for Host and PCI DRAM Read Accesses

- Supports 3.3V DRAMs

■ Accelerated Graphics Port (A.G.P.) Interface

- A.G.P. Specification Compliant

- A.G.P. 66/133 MHz 3.3V Devices Supported

- Synchronous Coupling to the Host Bus Frequency

■ PCI Bus Interface

- PCI Revision 2.1 Interface Compliant

- Greater Than 100-MBps Data Streaming for PCI-to-DRAM Accesses

- Integrated Arbiter With Multi Transaction PCI Arbitration Acceleration Hooks

- Five PCI Bus Masters are Supported in Addition to the Host and PCI-to ISA I/O Bridge

- Delayed Transaction Support

- PCI Parity Checking and Generation Support

■ Data Buffering For Increased Performance

- Extensive CPU-to-DRAM, PCI-to DRAM, and A.G.P.-to-DRAM Write Data Buffering

- CPU-to-A.G.P., PCI-to-A.G.P., and A.G.P.-to-PCI Data Buffering

- Write Combining Support for CPU-to-PCI Burst Writes

- Supports Concurrent Host, PCI, and A.G.P. Transactions to Main Memory

■ System Management Mode (SMM) Compliant

■ 492 Pin BGA Package



 




Similar Part No. - 82443LX

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
82443 MALLORY-82443 Datasheet
64Kb / 1P
Ford BlasterTM Coil-on-Plug Modular 4-valve, 99-14, 4.6/5.4L
logo
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
Host Bridge/Controller
82443GX INTEL-82443GX Datasheet
850Kb / 128P
Intel 440GX AGPset: 82443GX Host Bridge/Controller
82443MX INTEL-82443MX Datasheet
826Kb / 173P
PCIset
82443ZX INTEL-82443ZX Datasheet
502Kb / 116P
Intel짰 440ZX AGPset: Host Bridge/Controller
More results


Similar Description - 82443LX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GD82559ER INTEL-GD82559ER Datasheet
662Kb / 94P
PCI Controller
logo
List of Unclassifed Man...
ZR36067 ETC-ZR36067 Datasheet
580Kb / 48P
AV PCI CONTROLLER
VT86C100A ETC-VT86C100A Datasheet
349Kb / 32P
PCI FAST ETHERNET CONTROLLER
logo
Intel Corporation
82443GX INTEL-82443GX Datasheet
850Kb / 128P
Intel 440GX AGPset: 82443GX Host Bridge/Controller
82443ZX INTEL-82443ZX Datasheet
502Kb / 116P
Intel짰 440ZX AGPset: Host Bridge/Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
PCI Hot Plug Controller
November 18, 2004
logo
SUYIN USA, INC.
100124FS SUYIN-USA-100124FS Datasheet
595Kb / 1P
A.G.P CONNECTOR 124 PINS
logo
Intel Corporation
319537-003US INTEL-319537-003US Datasheet
2Mb / 450P
Intel System Controller Hub
logo
AAEON Technology
AEC-6915 AAEON-AEC-6915 Datasheet
307Kb / 2P
4 PCI Mini-size Embedded Controller With Intel Pentium M/ Celeron M Processor
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
PCI Hot Plug Controller
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com