Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet (PDF) - Analog Devices

ADE7754 Datasheet PDF - Analog Devices
Part # ADE7754
Download  ADE7754 Download
File Size   2197.05 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ADE7754

ADE7754 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7754 Datasheet PDF - Analog Devices

Part # ADE7754
Download  ADE7754 Click to download

File Size   2197.05 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ADE7754

ADE7754 Datasheet (HTML) - Analog Devices


ADE7754 Product details

GENERAL DESCRIPTION
The ADE7754 is a high accuracy polyphase electrical energy measurement IC with a serial interface and a pulse output. The ADE7754 incorporates second order Σ-∆ ADCs, reference circuitry, temperature sensor, and all the signal processing required to perform active, apparent energy measurements, and rms calculation.

FEATURES
    High Accuracy, Supports IEC 687/61036
    Compatible with 3-Phase/3-Wire, 3-Phase/4-Wire and any Type of 3-Phase Services
    Less than 0.1% Error in Active Power Measurement over a Dynamic Range of 1000 to 1
    Supplies Active Energy, Apparent Energy, Voltage RMS, Current RMS, and Sampled Waveform Data
    Digital Power, Phase, and Input Offset Calibration
    On-Chip Temperature Sensor (4C Typical after Calibration)
    On-Chip User Programmable Thresholds for Line Voltage SAG and Overdrive Detections
    SPI Compatible Serial Interface with Interrupt Request Line (IRQ)
    Pulse Output with Programmable Frequency
    Proprietary ADCs and DSP Provide High Accuracy over Large Variations in Environmental Conditions and Time
    Single 5 V Supply




Similar Part No. - ADE7754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7754AR AD-ADE7754AR Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7754ARRL AD-ADE7754ARRL Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7754 AD-ADE7754_15 Datasheet
530Kb / 44P
Polyphase Multifunction Energy Metering IC with Serial Port
REV. 0
More results






About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com