Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7754
Description  ADE7754
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 1 Page - Analog Devices

  ADE7754 Datasheet HTML 1Page - Analog Devices ADE7754 Datasheet HTML 2Page - Analog Devices ADE7754 Datasheet HTML 3Page - Analog Devices ADE7754 Datasheet HTML 4Page - Analog Devices ADE7754 Datasheet HTML 5Page - Analog Devices ADE7754 Datasheet HTML 6Page - Analog Devices ADE7754 Datasheet HTML 7Page - Analog Devices ADE7754 Datasheet HTML 8Page - Analog Devices ADE7754 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Preliminary Technical Data
ADE7754*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 200
3
Poly-phaseMulti-Function
Energy Metering IC with Serial Port
FUNCTIONAL BLOCK DIAGRAM
FEATURES
High Accuracy, supports IEC 687/61036
Compatible with 3-phase/3-wire, 3-phase/4-wire
and any type of 3-phase services
Less than 0.1% error in Active Power Measurement
over a dynamic range of 1000 to 1
The ADE7754 supplies
Active Energy, Apparent Energy,
Voltage rms, Current rms and Sampled Waveform Data.
Digital Power, Phase & Input Offset Calibration.
An On-Chip temperature sensor (±3°C typ. after calibration)
On-Chip user Programmable thresholds for line voltage
SAG and overdrive detections.
A SPI compatible Serial Interface with Interrupt Request line
(IRQ).
A pulse output with programmable frequency
Proprietary ADCs and DSP provide high accuracy over large
variations in environmental conditions and time.
Reference 2.4V±8% (Drift 30 ppm/°C typical)
with external overdrive capability
Single 5V Supply, Low power (80mW typical)
The ADE7754 provides different solutions to measure Active
and Apparent Energy from the six analog inputs thus en-
abling the use of the ADE7754 in various Power meter
services as 3-phase 4-wire, 3-phase 3-wire but also 4-wire
delta.
In addition to RMS calculation, Real and Apparent power
informations, the ADE7754 provides system calibration
features for each phase, i.e., channel offset correction, phase
calibration and gain calibration. The CF logic output gives
instantaneous real power information.
The ADE7754 has a waveform sample register which enables
access to ADC outputs. The part also incorporates a detec-
tion circuit for short duration low or high voltage variations.
The voltage threshold levels and the duration (no. of half line
cycles) of the variation are user programmable.
A zero crossing detection is synchronized which the zero
crossing point of the line voltage of each of the three phases.
This information is used to measure each line’s Period. It is
also used internally to the chip in the Line Active Energy and
Line Apparent Energy accumulation modes. This permits
faster and more accurate calibration of the power calcula-
tions. This signal is also useful for synchronization of relay
switching.
Data is read from the ADE7754 via the SPI serial interface.
The interrupt request output (IRQ) is an open drain, active
low logic output. The IRQ output will go active low when one
or more interrupt events have occurred in the ADE7754. A
status register will indicate the nature of the interrupt.
The ADE7754 is available in a 24-lead SOIC package.
* Patents pending.
CS
IRQ
ADE7754 REGISTERS &
SERIAL INTERFACE
TEMP
SENSOR
ADC
2.5V
REF
4k
Ω
CFNUM
CFDEN
DFC
WDIV
ADC
PGA1
ADC
PGA2
ADC
PGA1
ADC
PGA2
ADE7754
Power
Supply
Monitor
HPF
Φ APHCAL
Σ
AAPOS
LPF2
AWG
ADC
PGA1
ADC
PGA2
Σ
AIRMSOS
AVAG
AVRMSOS
VADIV
Σ
BAPOS
LPF2
BWG
Σ
BIRMSOS
BVAG
BVRMSOS
Σ
CAPOS
LPF2
CWG
Σ
CIRMSOS
CVAG
CVRMSOS
AVGAIN
AAPGAIN
HPF
BVGAIN
BAPGAIN
HPF
CVGAIN
CAPGAIN
Φ BPHCAL
Φ CPHCAL
Σ
Σ
IBP
IBN
VBP
VN
ICP
ICN
VCP
IAP
IAN
VAP
7
8
15
10
14
13
5
6
16
AVDD
RESET
17
4
CLKOUT
CLKIN
DGND
20
19
2
DVDD
3
CF
1
REFIN/OUT
AGND
SCLK
DOUT
DIN
11
12
22
24
23
21
18
Σ
Σ
Σ
|X|
ABS
|X|
ABS
|X|
ABS
X2
X2
X2
X2
X2
X2
GENERAL DESCRIPTION
The ADE7754 is a high accuracy Poly-phase electrical
energy measurement IC with a serial interface and a pulse
output. The ADE7754 incorporates second order sigma-
delta ADCs, reference circuitry, temperature sensor, and all
the signal processing required to perform Active, Apparent
Energy measurements and rms calculation.


Similar Part No. - ADE7754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7754AR AD-ADE7754AR Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7754ARRL AD-ADE7754ARRL Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7754 AD-ADE7754_15 Datasheet
530Kb / 44P
Polyphase Multifunction Energy Metering IC with Serial Port
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com