Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL50AH Datasheet (PDF) - Analog Devices

ADXL50AH Datasheet PDF - Analog Devices
Part # ADXL50AH
Download  ADXL50AH Download
File Size   286.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Accelerometer With Signal Conditioning

ADXL50AH Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL50AH Datasheet PDF - Analog Devices

Part # ADXL50AH
Download  ADXL50AH Click to download

File Size   286.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Accelerometer With Signal Conditioning

ADXL50AH Datasheet (HTML) - Analog Devices


ADXL50AH Product details

GENERAL DESCRIPTION

The ADXL50 is a complete acceleration measurement system on a single monolithic IC. Three external capacitors and a +5 volt power supply are all that is required to measure accelerations up to ± 50 g. Device sensitivity is factory trimmed to 19 mV/g, resulting in a full-scale output swing of ±0.95 volts for a ±50 g applied acceleration. Its zero g output level is +1.8 volts.



FEATURES

  Complete Acceleration Measurement System on a Single Monolithic IC

  Full-Scale Measurement Range: 650 g

  Self-Test on Digital Command

  +5 V Single Supply Operation

  Sensitivity Precalibrated to 19 mV/g

  Internal Buffer Amplifier for User Adjustable Sensitivity and Zero-g Level

  Frequency Response: DC to 10 kHz

  Post Filtering with External Passive Components

  High Shock Survival: >2000 g Unpowered

  Other Versions Available: ADXL05 (65 g)



 




Similar Part No. - ADXL50AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
Monolithic Accelerometer With Signal Conditioning
REV. B
More results


Similar Description - ADXL50AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL05 AD-ADXL05 Datasheet
281Kb / 20P
-1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV.B
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
Signal Conditioning: Amplified
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
Single Chip Accelerometer with Signal Conditioning
REV. B
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
Signal conditioning module
TEM4540CN MORNSUN-TEM4540CN_15 Datasheet
752Kb / 4P
Signal conditioning modules
logo
Analog Devices
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com