Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL05 Datasheet (PDF) - Analog Devices

ADXL05 Datasheet PDF - Analog Devices
Part # ADXL05
Download  ADXL05 Download
File Size   281.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -1 g to -5 g Single Chip Accelerometer with Signal Conditioning

ADXL05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL05 Datasheet PDF - Analog Devices

Part # ADXL05
Download  ADXL05 Click to download

File Size   281.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -1 g to -5 g Single Chip Accelerometer with Signal Conditioning

ADXL05 Datasheet (HTML) - Analog Devices


ADXL05 Product details

FEATURES
5 milli-g Resolution
Noise Level 123 Less than the ADXL50
User Selectable Full Scale from 61 g to 65 g
Output Scale Selectable from 200 mV/g to 1 V/g
Complete Acceleration Measurement System on a Single Chip IC
Self Test on Digital Command
+5 V Single Supply Operation
1000 g Shock Survival

APPLICATIONS
Low Cost Sensor for Vibration Measurement
Tilt Sensing with Faster Response than Electrolytic or Mercury Sensors
More Sensitive Alarms and Motion Detectors
Affordable Inertial Sensing of Velocity and Position




Similar Part No. - ADXL05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
Single Chip Accelerometer with Signal Conditioning
REV. B
More results


Similar Description - ADXL05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV.A
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
Monolithic Accelerometer With Signal Conditioning
REV.B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
Small and Thin 5 g iMEMS Accelerometer
Rev.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com