Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

108N Datasheet (PDF) - Hammond Manufacturing Ltd.

108N Datasheet PDF - Hammond Manufacturing Ltd.
Part # 108N
Download  108N Download
File Size   368.18 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description MINIATURE EPOXY POTTED AUDIO TRANSFORMER

108N Datasheet (PDF)

Go To PDF Page Download Datasheet
108N Datasheet PDF - Hammond Manufacturing Ltd.

Part # 108N
Download  108N Click to download

File Size   368.18 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description MINIATURE EPOXY POTTED AUDIO TRANSFORMER

108N Datasheet (HTML) - Hammond Manufacturing Ltd.


108N Product details

MINIATURE EPOXY POTTED AUDIO TRANSFORMERS



Audio input, line matching and output transformers. 

Epoxy potted in an attractive molded case, Pin type P.C. board mount (min. 0.187" length). 

In some models where no center tap is required (on secondary), pin No. 5 is omitted. 

Power level ratings are maximum at lowest frequency rating (noted by series above charts) power can be increased  

slightly at higher frequencies (except 107X).

Will withstand soldering for 10 sec. @ 260 degrees C, ambient temp. 85 degrees C max.




Similar Part No. - 108N

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
108N HAMMOND-108N Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
More results


Similar Description - 108N

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
109J HAMMOND-109J Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109H HAMMOND-109H Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109G HAMMOND-109G Datasheet
338Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109F HAMMOND-109F Datasheet
341Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109E HAMMOND-109E Datasheet
343Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108L HAMMOND-108L_13 Datasheet
378Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108H HAMMOND-108H Datasheet
367Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108E HAMMOND-108E Datasheet
366Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107T HAMMOND-107T Datasheet
452Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107D HAMMOND-107D Datasheet
437Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com