Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

108N Datasheet (PDF) - Hammond Manufacturing Ltd.

108N Datasheet PDF - Hammond Manufacturing Ltd.
Part # 108N
Download  108N Download
File Size   258.56 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description P.C. Board Mount (107-109 Series)

108N Datasheet (PDF)

Go To PDF Page Download Datasheet
108N Datasheet PDF - Hammond Manufacturing Ltd.

Part # 108N
Download  108N Click to download

File Size   258.56 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description P.C. Board Mount (107-109 Series)

108N Datasheet (HTML) - Hammond Manufacturing Ltd.


108N Product details

MINIATURE EPOXY POTTED AUDIO TRANSFORMERS



Audio input, line matching and output transformers. 

Epoxy potted in an attractive molded case, Pin type P.C. board mount (min. 0.187" length). 

In some models where no center tap is required (on secondary), pin No. 5 is omitted. 

Power level ratings are maximum at lowest frequency rating (noted by series above charts) power can be increased  

slightly at higher frequencies (except 107X).

Will withstand soldering for 10 sec. @ 260 degrees C, ambient temp. 85 degrees C max.




Similar Part No. - 108N

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
108N HAMMOND-108N Datasheet
368Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
More results


Similar Description - 108N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
153007 LITTELFUSE-153007 Datasheet
144Kb / 2P
For MINI Fuses P.C. Board Mount Type
logo
Winchester Electronics ...
SD451-060-0046H WINCHESTER-SD451-060-0046H Datasheet
94Kb / 1P
P.C MOUNT MCX JACK
SD451-060-0046J WINCHESTER-SD451-060-0046J Datasheet
76Kb / 1P
P.C MOUNT MCX JACK
logo
Amphenol Corporation
222131 AMPHENOL-222131 Datasheet
44Kb / 1P
F SERIES R/A P.C. MOUNT RECEPTACLE_
logo
Hammond Manufacturing L...
145J HAMMOND-145J Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
148D HAMMOND-148D Datasheet
395Kb / 2P
P.C. BOARD MOUNT AUDIO TRANSFORMERS
227T HAMMOND-227T Datasheet
278Kb / 1P
Low Voltage - P.C. Board Mount (226-228 Series)
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
Low Voltage - P.C. Board Mount (183 Series)
162D12 HAMMOND-162D12 Datasheet
260Kb / 2P
LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
611 HAMMOND-611 Datasheet
118Kb / 1P
Pulse Open Frame P.C. Board Mount
11/8/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com