Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1741CS Datasheet (PDF) - Analog Intergrations Corporation

AIC1741CS Datasheet PDF - Analog Intergrations Corporation
Part # AIC1741CS
Download  AIC1741CS Download
File Size   77.89 Kbytes
Page   6 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description LOW DROPOUT ADJUSTABLE REGULATOR

AIC1741CS Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1741CS Datasheet PDF - Analog Intergrations Corporation

Part # AIC1741CS
Download  AIC1741CS Click to download

File Size   77.89 Kbytes
Page   6 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description LOW DROPOUT ADJUSTABLE REGULATOR

AIC1741CS Datasheet (HTML) - Analog Intergrations Corporation


AIC1741CS Product details

DESCRIPTION
The AIC1741 is a low power precision adjustable regulator with 80mA output capability. The device can be used as a secondary regular to provide feedback in a switching power supply.

FEATURES
● 1% Accuracy 1.235V Voltage Reference.
● Fast Transient Response.
● Low Ground Current at 55µA.
● Wide Output Current Range, 10µA~80mA.
● Output Programmable from 1.235V~11V.
● Low Temperature Coefficiency.
● Error Flag Warns of Output Dropout.

APPLICATIONS
● Voltage Regulator for Pentium® CPUs.
● Wireless Communication System.
● 5V to 3.3V Regulator for VGA Cards.
● Battery Powered Systems.




Similar Part No. - AIC1741CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CE AIC-AIC1740-18CE Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CF AIC-AIC1740-18CF Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CY AIC-AIC1740-18CY Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-20CE AIC-AIC1740-20CE Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
More results


Similar Description - AIC1741CS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
ADJUSTABLE LOW DROPOUT REGULATOR
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
ADJUSTABLE LOW DROPOUT REGULATOR
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
ADJUSTABLE LOW DROPOUT REGULATOR
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
Negative Low Dropout Adjustable Regulator
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
Adjustable Low Dropout Regulator
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
Adjustable Low Dropout Regulator
REV. C
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
Adjustable Low Dropout Regulator
REV. A
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
Negative Low Dropout Adjustable Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com