Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

107P Datasheet (PDF) - Hammond Manufacturing Ltd.

107P Datasheet PDF - Hammond Manufacturing Ltd.
Part # 107P
Download  107P Download
File Size   444.2 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description MINIATURE EPOXY POTTED AUDIO TRANSFORMER

107P Datasheet (PDF)

Go To PDF Page Download Datasheet
107P Datasheet PDF - Hammond Manufacturing Ltd.

Part # 107P
Download  107P Click to download

File Size   444.2 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description MINIATURE EPOXY POTTED AUDIO TRANSFORMER

107P Datasheet (HTML) - Hammond Manufacturing Ltd.


107P Product details

MINIATURE EPOXY POTTED AUDIO TRANSFORMERS



Audio input, line matching and output transformers. 

Epoxy potted in an attractive molded case, Pin type P.C. board mount (min. 0.187" length). 

In some models where no center tap is required (on secondary), pin No. 5 is omitted. 

Power level ratings are maximum at lowest frequency rating (noted by series above charts) power can be increased  

slightly at higher frequencies (except 107X).

Will withstand soldering for 10 sec. @ 260 degrees C, ambient temp. 85 degrees C max.




Similar Part No. - 107P

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
107P HAMMOND-107P Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
logo
Illinois Capacitor, Inc...
107PBM016M ILLINOISCAPACITOR-107PBM016M Datasheet
413Kb / 2P
85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
107PBM016M ILLINOISCAPACITOR-107PBM016M Datasheet
183Kb / 2P
85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
107PBM016M ILLINOISCAPACITOR-107PBM016M Datasheet
194Kb / 2P
Non/Bi-polar ??7mm Height
107PBM016M ILLINOISCAPACITOR-107PBM016M Datasheet
126Kb / 1P
Radial lead BI-POLAR / NON-POLAR
More results


Similar Description - 107P

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
109J HAMMOND-109J Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109H HAMMOND-109H Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109G HAMMOND-109G Datasheet
338Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109F HAMMOND-109F Datasheet
341Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109E HAMMOND-109E Datasheet
343Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108N HAMMOND-108N Datasheet
368Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108L HAMMOND-108L_13 Datasheet
378Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108H HAMMOND-108H Datasheet
367Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108E HAMMOND-108E Datasheet
366Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107D HAMMOND-107D Datasheet
437Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com