Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

107L Datasheet (PDF) - Hammond Manufacturing Ltd.

107L Datasheet PDF - Hammond Manufacturing Ltd.
Part # 107L
Download  107L Download
File Size   454.37 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description MINIATURE EPOXY POTTED AUDIO TRANSFORMER

107L Datasheet (PDF)

Go To PDF Page Download Datasheet
107L Datasheet PDF - Hammond Manufacturing Ltd.

Part # 107L
Download  107L Click to download

File Size   454.37 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description MINIATURE EPOXY POTTED AUDIO TRANSFORMER

107L Datasheet (HTML) - Hammond Manufacturing Ltd.


107L Product details

MINIATURE EPOXY POTTED AUDIO TRANSFORMERS



Audio input, line matching and output transformers. 

Epoxy potted in an attractive molded case, Pin type P.C. board mount (min. 0.187" length). 

In some models where no center tap is required (on secondary), pin No. 5 is omitted. 

Power level ratings are maximum at lowest frequency rating (noted by series above charts) power can be increased  

slightly at higher frequencies (except 107X).

Will withstand soldering for 10 sec. @ 260 degrees C, ambient temp. 85 degrees C max.




Similar Part No. - 107L

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
107L HAMMOND-107L Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
logo
Illinois Capacitor, Inc...
107LBA350M2BD ILLINOISCAPACITOR-107LBA350M2BD Datasheet
198Kb / 5P
85째C Snap-Mount Aluminum Electrolytic Capacitors
107LBA350M2BD ILLINOISCAPACITOR-107LBA350M2BD Datasheet
467Kb / 4P
85C Snap-Mount Aluminum Electrolytic Capacitors
107LBA350M2CC ILLINOISCAPACITOR-107LBA350M2CC Datasheet
198Kb / 5P
85째C Snap-Mount Aluminum Electrolytic Capacitors
107LBA350M2CC ILLINOISCAPACITOR-107LBA350M2CC Datasheet
467Kb / 4P
85C Snap-Mount Aluminum Electrolytic Capacitors
More results


Similar Description - 107L

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
109J HAMMOND-109J Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109H HAMMOND-109H Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109G HAMMOND-109G Datasheet
338Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109F HAMMOND-109F Datasheet
341Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109E HAMMOND-109E Datasheet
343Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108N HAMMOND-108N Datasheet
368Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108L HAMMOND-108L_13 Datasheet
378Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108H HAMMOND-108H Datasheet
367Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108E HAMMOND-108E Datasheet
366Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107D HAMMOND-107D Datasheet
437Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com