Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1506 Datasheet (PDF) - Anachip Corp

AP1506 Datasheet PDF - Anachip Corp
Part # AP1506
Download  AP1506 Download
File Size   206.31 Kbytes
Page   12 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150KHz, 3A PWM Buck DC/DC Converter

AP1506 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1506 Datasheet PDF - Anachip Corp

Part # AP1506
Download  AP1506 Click to download

File Size   206.31 Kbytes
Page   12 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150KHz, 3A PWM Buck DC/DC Converter

AP1506 Datasheet (HTML) - Anachip Corp


AP1506 Product details

„ General Description

The AP1506 series are monolithic IC designed for a step-down DC/DC converter, and own the ability of driving a 3A load without external transistor. Due to reducing the number of external component, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control have good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is to prevent over current operating of the output switch. If current limit function occurred and VFB is down to 0.5V below, the switching frequency will be reduced. The AP1506 series operate at a switching frequency of 150KHz thus allowing smaller sized filter components than what would be needed with lower frequency switching regulators. Other features include a guaranteed +4% tolerance on output voltage under specified input voltage and output load conditions, and +15% on the oscillator frequency. The output version included fixed 3.3V, 5V, 12V, and an adjustable type. The packages are available in a standard 5-lead TO-220, a 5-lead TO-263 or 8-lead PDIP.



„ Features

- Output voltage: 3.3V, 5V, 12V and adjustable output version

- Adjustable version output voltage range, 1.23V to 18V+4%

- 150KHz +15% fixed switching frequency

- Voltage mode non-synchronous PWM control

- Thermal-shutdown and current-limit protection

- ON /OFF shutdown control input

- Operating voltage can be up to 22V

- Output load current: 3A

- TO220-5L, TO263-5L and PDIP-8 packages

- Low power standby mode

- Built-in switching transistor on chip



„ Applications

- Simple High-efficiency step-down regulator

- On-card switching regulators

- Positive to negative converter




Similar Part No. - AP1506

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1506 DIODES-AP1506 Datasheet
230Kb / 13P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
logo
Anachip Corp
AP1506 ANACHIP-AP1506 Datasheet
238Kb / 13P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.3 Oct 24, 2005
logo
Diodes Incorporated
AP1506 DIODES-AP1506 Datasheet
176Kb / 14P
150KHz, 3A PWM BUCK DC/DC CONVERTER
DS31015 Rev. 7 - 2
AP1506 DIODES-AP1506 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
logo
Anachip Corp
AP1506-12K5 ANACHIP-AP1506-12K5 Datasheet
238Kb / 13P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.3 Oct 24, 2005
More results


Similar Description - AP1506

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com