Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1506 Datasheet (PDF) - Diodes Incorporated

AP1506 Datasheet PDF - Diodes Incorporated
Part # AP1506
Download  AP1506 Download
File Size   230.13 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150KHz, 3A PWM BUCK DC/DC CONVERTER

AP1506 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1506 Datasheet PDF - Diodes Incorporated

Part # AP1506
Download  AP1506 Click to download

File Size   230.13 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150KHz, 3A PWM BUCK DC/DC CONVERTER

AP1506 Datasheet (HTML) - Diodes Incorporated


AP1506 Product details

Description

The AP1506 series are monolithic IC designed for a step down DC/DC converter, and own the ability of driving a 3A load without external transistor. Due to reducing the number of external components, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control have good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is to prevent over current operating of the output switch.



Features

• Output Voltage: 3.3V, 5V, 12V and Adjustable Output Version

• Adjustable Version Output Voltage Range, 1.23V to 18V+4%

• 150KHz +15% Fixed Switching Frequency

• Voltage Mode Non-Synchronous PWM Control

• Thermal-Shutdown and Current-Limit Protection

• ON/OFF Shutdown Control Input

• Operating Voltage can be up to 22V

• Output Load Current: 3A

• Lead Free packages: TO263-5L and TO220-5L(R)

• TO263-5L and TO220-5L(R): Available in “Green”

   Molding Compound (No Br, Sb)

• Low Power standby mode

• Built-in Switching Transistor On Chip

• Lead Free Finish/RoHS Compliant (Note 1)



Applications

• Simple High-Efficiency Step-Down Regulator

• On-Card Switching Regulators

• Positive to Negative Converter



 




Similar Part No. - AP1506

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1506 ANACHIP-AP1506 Datasheet
206Kb / 12P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
AP1506 ANACHIP-AP1506 Datasheet
238Kb / 13P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.3 Oct 24, 2005
logo
Diodes Incorporated
AP1506 DIODES-AP1506 Datasheet
176Kb / 14P
150KHz, 3A PWM BUCK DC/DC CONVERTER
DS31015 Rev. 7 - 2
AP1506 DIODES-AP1506 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
logo
Anachip Corp
AP1506-12K5 ANACHIP-AP1506-12K5 Datasheet
206Kb / 12P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
More results


Similar Description - AP1506

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com