Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1506 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1506
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1506 Datasheet HTML 1Page - Diodes Incorporated AP1506 Datasheet HTML 2Page - Diodes Incorporated AP1506 Datasheet HTML 3Page - Diodes Incorporated AP1506 Datasheet HTML 4Page - Diodes Incorporated AP1506 Datasheet HTML 5Page - Diodes Incorporated AP1506 Datasheet HTML 6Page - Diodes Incorporated AP1506 Datasheet HTML 7Page - Diodes Incorporated AP1506 Datasheet HTML 8Page - Diodes Incorporated AP1506 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP1506
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
2 of 13
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
TO220-5L
( Top View )
1 V
IN
5 SD
4 FB
3 GND
2 Output
( Top View )
TO263-5L
1 V
IN
5 SD
4 FB
3 GND
2 Output
Metal Tab GND
Block Diagram
Current
Source
bias
1.235V
Reference
2.5V
Regulator
150KHz
OSC.
Start
up
+
-
Thermal
Shutdown
Pre-driver
Comp
GND
Output
SD
FB
220mV
200mV
3A
Switch
Frequecy
compen-
sation
+
Comp
+
Comp
+
Amp
V
IN
Pin Assignments
Pin Descriptions
Name
Description
VIN
Operating Voltage Input
Output
Switching Output
GND
Ground
FB
Output Voltage Feedback Control
SD
ON
/OFF Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com