Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM033C08T Datasheet (PDF) - Integrated Silicon Solution, Inc

EM033C08T Datasheet PDF - Integrated Silicon Solution, Inc
Part # EM033C08T
Download  EM033C08T Download
File Size   58.43 Kbytes
Page   6 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description Low Power 32Kx8 SRAM in a 32 pin ROM Pinout Compatible Package

EM033C08T Datasheet (PDF)

Go To PDF Page Download Datasheet
EM033C08T Datasheet PDF - Integrated Silicon Solution, Inc

Part # EM033C08T
Download  EM033C08T Click to download

File Size   58.43 Kbytes
Page   6 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description Low Power 32Kx8 SRAM in a 32 pin ROM Pinout Compatible Package

EM033C08T Datasheet (HTML) - Integrated Silicon Solution, Inc


EM033C08T Product details

Overview
The EM033C08 is an integrated memory device containing a low power 256 Kbit Static Random Access Memory organized as 32,768 words by 8 bits. The device is fabricated using an advanced CMOS process and NanoAmp’s high-speed/low-power circuit technology.

Features
• Extended Operating Voltage Range 1.5 to 3.6 V
• Very Low Standby Voltage 1.2 V
• Extended Temperature Range -20° to +80°C
• Fast Cycle Time 100 ns (@ 2.7V)
• Very Low Operating Current ICC < 1 mA typical at 3V, 1 Mhz
• Very Low Standby Current ISB = 100 nA typical
• Available in 32-pin STSOP or TSOP package




Similar Part No. - EM033C08T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM0.6 ETC2-EM0.6 Datasheet
107Kb / 1P
EM Brake
logo
Sanken electric
EM01 SANKEN-EM01 Datasheet
23Kb / 1P
Rectifier Diodes
EM01 SANKEN-EM01 Datasheet
23Kb / 1P
Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EM01 BILIN-EM01 Datasheet
58Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
EM01 LUGUANG-EM01 Datasheet
168Kb / 2P
Plastic Silicon Rectifiers
More results


Similar Description - EM033C08T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011 TI-BQ4011 Datasheet
755Kb / 13P
32Kx8 Nonvolatile SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
CMOS 32Kx8 Low Power SRAM
August 15, 2002
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607 Datasheet
133Kb / 8P
USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
CMOS SRAM 256K-BIT(32KX8)
logo
Hanbit Electronics Co.,...
HMS51232M4L HANBIT-HMS51232M4L Datasheet
392Kb / 10P
SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607_07 Datasheet
245Kb / 10P
USB Current-Limited Switch in Pin-Compatible Package
Rev 2; 09/07
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
32Kx8 LP SRAM
logo
Rochester Electronics
MM54C89J ROCHESTER-MM54C89J Datasheet
606Kb / 1P
MILITARY TEMPERATURE SRAM in a 16-pin ceramic DIP package
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
Industry standard 32-pin ceramic dual-in-line package
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com