Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29LV800 Datasheet (PDF) - ANADIGICS, Inc

AS29LV800 Datasheet PDF - ANADIGICS, Inc
Part # AS29LV800
Download  AS29LV800 Download
File Size   463.83 Kbytes
Page   25 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 3V 1M횞8/512K횞16 CMOS Flash EEPROM

AS29LV800 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS29LV800 Datasheet PDF - ANADIGICS, Inc

Part # AS29LV800
Download  AS29LV800 Click to download

File Size   463.83 Kbytes
Page   25 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 3V 1M횞8/512K횞16 CMOS Flash EEPROM

AS29LV800 Datasheet (HTML) - ANADIGICS, Inc


AS29LV800 Product details

Functional description

The AS29LV800 is an 8 megabit, 3.0 volt Flash memory organized as 1 Megabyte of 8 bits/512Kbytes of 16 bits each. For flexible erase and program capability, the 8 megabits of data is divided into nineteen sectors: one 16K, two 8K, one 32K, and fifteen 64k byte sectors; or one 8K, two 4K, one 16K, and fifteen 32K word sectors. The ×8 data appears on DQ0–DQ7; the ×16 data appears on DQ0–DQ15. The AS29LV800 is offered in JEDEC standard 48-pin TSOP and 44-pin SOP packages. This device is designed to be programmed and erased in-system with a single 3.0V VCC supply. The device can also be reprogrammed in standard EPROM programmers.



Features

• Organization: 1M×8/512K×16

• Sector architecture

   - One 16K; two 8K; one 32K; and fifteen 64K byte sectors

   - One 8K; two 4K; one 16K; and fifteen 32K word sectors

   - Boot code sector architecture—T (top) or B (bottom)

   - Erase any combination of sectors or full chip

• Single 2.7-3.6V power supply for read/write operations

• Sector protection

• High speed 70/80/90/120 ns address access time

• Automated on-chip programming algorithm

   - Automatically programs/verifies data at specified address

• Automated on-chip erase algorithm

   - Automatically preprograms/erases chip or specified sectors

• Hardware RESET pin

   - Resets internal state machine to read mode

• Low power consumption

   - 200 nA typical automatic sleep mode current

   - 200 nA typical standby current

   - 10 mA typical read current

• JEDEC standard software, packages and pinouts

   - 48-pin TSOP

   - 44-pin SO; availability TBD

• Detection of program/erase cycle completion

   - DQ7 DATA polling

   - DQ6 toggle bit

   - DQ2 toggle bit

   - RY/BY output

• Erase suspend/resume

   - Supports reading data from or programming data to a sector not being erased

• Low VCC write lock-out below 1.5V

• 10 year data retention at 150C

• 100,000 write/erase cycle endurance



 




Similar Part No. - AS29LV800

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Similar Description - AS29LV800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L29S800F ETC-L29S800F Datasheet
797Kb / 54P
8MEGABIT (1M횞8 /512K횞16) 3 VOLT CMOS FLASH MEMERY
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
logo
Macronix International
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
CMOS EEPROM
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
4 Mbit (512K x 8) 3V Only CMOS Flash Memory
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
CMOS IC 8M-bit (1M횞8) Serial Flash Memory
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
8M-bit (1M횞8) Serial Flash Memory
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
CMOS EEPROM
logo
Alliance Semiconductor ...
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com