Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300FM Datasheet (PDF) - Motorola, Inc

DSP56300FM Datasheet PDF - Motorola, Inc
Part # DSP56300FM
Download  DSP56300FM Download
File Size   1713.02 Kbytes
Page   128 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description high density CMOS device with 3.3 V inputs and outputs

DSP56300FM Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56300FM Datasheet PDF - Motorola, Inc

Part # DSP56300FM
Download  DSP56300FM Click to download

File Size   1713.02 Kbytes
Page   128 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description high density CMOS device with 3.3 V inputs and outputs

DSP56300FM Datasheet (HTML) - Motorola, Inc


DSP56300FM Product details

Overview

The DSP56374 is a high density CMOS device with 3.3 V inputs and outputs.

The DSP56374 supports digital audio applications requiring sound field processing, acoustic equalization, and other digital audio algorithms. The DSP56374 uses the high performance, single-clock-per-cycle DSP56300 core family of programmable CMOS digital signal processors (DSPs) combined with the audio signal processing capability of the Freescale Semiconductor, Inc. (formerly Motorola) Symphony™ DSP family, as shown in Figure 1.



Features

1.1 DSP56300 Modular Chassis

• 150 Million Instructions Per Second (MIPS) with a 150 MHz clock at an internal logic supply (QVDDL) of 1.25 V.

• Object Code Compatible with the 56K core.

• Data ALU with a 24 x 24 bit multiplier-accumulator and a 56-bit barrel shifter;16 bit arithmatic support.

• Program Control with position independent code support.

• Six-channel DMA controller.

• Provides a wide range of frequency multiplications (1 to 255), predivider factors (1 to 31), PLL feedback multiplier (2 or 4), Output divide factor (1, 2 or 4) and a power-saving clock divider (2i: i = 0 to 7) to reduce clock noise

• Internal address tracing support and OnCE for Hardware/Software debugging.

• JTAG port, supporting boundary scan, compliant to IEEE 1149.1.

• Very low-power CMOS design, fully static design with operating frequencies down to DC.

• STOP and WAIT low-power standby modes.

1.2 On-chip Memory Configuration

• 6Kx24 Bit Y-Data RAM and 4Kx24 Bit Y-Data ROM.

• 6Kx24 Bit X-Data RAM and 4Kx24 Bit X-Data ROM.

• 20Kx24 Bit Program and Bootstrap ROM including a PROM patching mechanism.

• 6Kx24 Bit Program RAM.

• Various memory switches are available. See memory table below.

1.3 Peripheral modules

• Enhanced Serial Audio Interface (ESAI): up to 4 receiver pins and up to 6 transmitter pins, master or slave. I2S, Sony, AC97, network and other programmable protocols.

• Enhanced Serial Audio Interface I (ESAI_1): up to 4 receiver pins and up to 6 transmitter pins, master or slave. I2S, Sony, AC97, network and other programmable protocols. Note: Available in the 80 pin package only

• Serial Host Interface (SHI): SPI and I2C protocols, 10-word receive FIFO, support for 8, 16 and 24-bit words. Three noise reduction filter modes.

• Triple Timer module (TEC).

• Most pins of unused peripherals may be programmed as GPIO pins. Up to 47 pins can be configured as GPIO on the 80 pin package and 20 pins on the 52 pin package.

• Hardware Watchdog Timer




Similar Part No. - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56300FM MOTOROLA-DSP56300FM Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56300FM FREESCALE-DSP56300FM Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
DSP56300FM FREESCALE-DSP56300FM Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSP56300FM FREESCALE-DSP56300FM Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
More results


Similar Description - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
high density CMOS device
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
logo
Freescale Semiconductor...
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
high density CMOS device
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
a high-density CMOS device
DSPB56374AE FREESCALE-DSPB56374AE Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com