Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT6832 Datasheet (PDF) - NXP Semiconductors

CBT6832 Datasheet PDF - NXP Semiconductors
Part # CBT6832
Download  CBT6832 Download
File Size   59.83 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description INTEGRATED CIRCUITS

CBT6832 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT6832 Datasheet PDF - NXP Semiconductors

Part # CBT6832
Download  CBT6832 Click to download

File Size   59.83 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description INTEGRATED CIRCUITS

CBT6832 Datasheet (HTML) - NXP Semiconductors


CBT6832 Product details

DESCRIPTION
The CBT6832 is a 16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky protection for live insertion. Advantages of the CBT6832 include a propagation delay of 250 ps, resulting from 5 Ω channel resistance, and low I/O capacitance. A port demultiplexes to either 1B and 2B, or to both. The switch is bi-directional.

FEATURES
• 5 Ω typical ron
• Pull-up on B ports
• Undershoot protection on A port only: –1.5 V
• Near zero propagation delay
• Controlled enable rate
• VCC operating range: +4.5 V to +5.5 V
• > 100 MHz bandwidth (or clock rate) at 20 pF load capacitance
• 56-pin TSSOP package
• Bias voltage pre-charges the B output when the channel is disabled
• Latch-up protection exceeds 100 mA per JESD78
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

APPLICATION
• Provides PCI hot-plugging




Similar Part No. - CBT6832

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6832C PHILIPS-CBT6832C Datasheet
67Kb / 8P
16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Jul 18
CBT6832CDGG PHILIPS-CBT6832CDGG Datasheet
67Kb / 8P
16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Jul 18
CBT6832D PHILIPS-CBT6832D Datasheet
67Kb / 8P
16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
CBT6832DDGG PHILIPS-CBT6832DDGG Datasheet
67Kb / 8P
16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
CBT6832E PHILIPS-CBT6832E Datasheet
67Kb / 8P
16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion
2000 Sep 01
More results


Similar Description - CBT6832

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAA170P CLARE-IAA170P Datasheet
92Kb / 6P
Integrated Circuits
IAD170P CLARE-IAD170P Datasheet
92Kb / 6P
Integrated Circuits
logo
List of Unclassifed Man...
MC660L ETC-MC660L Datasheet
557Kb / 8P
INTEGRATED CIRCUITS
LC93300A ETC1-LC93300A Datasheet
145Kb / 1P
INTEGRATED CIRCUITS
logo
Motorola, Inc
MC853 MOTOROLA-MC853 Datasheet
665Kb / 9P
INTEGRATED CIRCUITS
logo
IXYS Corporation
IAA110P IXYS-IAA110P_12 Datasheet
118Kb / 6P
Integrated Telecom Circuits
IAD110P IXYS-IAD110P_12 Datasheet
122Kb / 7P
Integrated Telecom Circuits
logo
Kwazar-IS
140UD25A KWAZAR-140UD25A Datasheet
1Mb / 2P
Integrated circuits
140UD26A KWAZAR-140UD26A Datasheet
185Kb / 2P
Integrated circuits
525PC2A KWAZAR-525PC2A Datasheet
189Kb / 2P
Integrated circuits
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com