Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT6832E Datasheet (PDF) - NXP Semiconductors

CBT6832E Datasheet PDF - NXP Semiconductors
Part # CBT6832E
Download  CBT6832E Download
File Size   67.78 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion

CBT6832E Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT6832E Datasheet PDF - NXP Semiconductors

Part # CBT6832E
Download  CBT6832E Click to download

File Size   67.78 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion

CBT6832E Datasheet (HTML) - NXP Semiconductors


CBT6832E Product details

DESCRIPTION
The CBT6832E is a 16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion. Advantages of the CBT6832 include a propagation delay of 250 ps, resulting from 5 Ω channel resistance, and low I/O capacitance. A port demultiplexes to either 1B and 2B, or to both. The switch is bi-directional.

FEATURES
• 5 Ω typical ron
• Pull-up on B port
• Undershoot protection on A port only: –2.0 V
• Near zero propagation delay
• Controlled enable rate
• VCC operating range: +4.5 V to +5.5 V
• > 100 MHz bandwidth (or clock rate) at 20 pF load capacitance
• 56-pin TSSOP package
• Bias voltage pre-charges the B output when the channel is disabled
• Latch-up protection exceeds 100 mA per JESD78
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

APPLICATION
• Provides PCI hot-plugging




Similar Part No. - CBT6832E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6832 PHILIPS-CBT6832 Datasheet
59Kb / 8P
INTEGRATED CIRCUITS
2000 Jul 18
CBT6832C PHILIPS-CBT6832C Datasheet
67Kb / 8P
16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Jul 18
CBT6832CDGG PHILIPS-CBT6832CDGG Datasheet
67Kb / 8P
16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Jul 18
CBT6832D PHILIPS-CBT6832D Datasheet
67Kb / 8P
16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
CBT6832DDGG PHILIPS-CBT6832DDGG Datasheet
67Kb / 8P
16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
More results


Similar Description - CBT6832E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI3C6800 PERICOM-PI3C6800 Datasheet
387Kb / 5P
2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
NXP Semiconductors
CBT6832C PHILIPS-CBT6832C Datasheet
67Kb / 8P
16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Jul 18
CBT6832D PHILIPS-CBT6832D Datasheet
67Kb / 8P
16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
PI5C16215C PERICOM-PI5C16215C Datasheet
166Kb / 5P
20-Bit,Hot Insertion,BusSwitch with Precharged Outputs & Undershoot Protection
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com