Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1011 Datasheet (PDF) - Microchip Technology

AR1011 Datasheet PDF - Microchip Technology
Part # AR1011
Download  AR1011 Download
File Size   2081.01 Kbytes
Page   61 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description AR1000 Series Resistive Touch Screen Controller

AR1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AR1011 Datasheet PDF - Microchip Technology

Part # AR1011
Download  AR1011 Click to download

File Size   2081.01 Kbytes
Page   61 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description AR1000 Series Resistive Touch Screen Controller

AR1011 Datasheet (HTML) - Microchip Technology


AR1011 Product details

DEVICE OVERVIEW
The Microchip mTouchTM AR1000 Series Resistive Touch Screen Controller is a complete, easy to integrate, cost-effective and universal touch screen controller chip.

Special Features:
• RoHS Compliant
• Power-Saving Sleep mode
• Industrial Temperature Range
• Built-in Drift Compensation Algorithm
• 128 Bytes of User EEPROM

Power Requirements:
• Operating Voltage: 2.5-5.0V ±5%
• Standby Current:
    - 5V: 85 uA, typical; 125 uA (maximum)
    - 2.5V: 40 uA, typical; 60 uA (maximum)
• Operating “No touch” Current:
    - 3.0 mA (typical)
• Operating “Touch” Current:
    - 17 mA, typical, with a touch sensor having 200Ω layers.
    - Actual current is dependent on the touch sensor used
• AR1011/AR1021 Brown-Out Detection (BOR) set to 2.2V.

Touch Modes:
• Off, Stream, Down, Up and more.

Touch Sensor Support:
• 4-Wire, 5-Wire and 8-Wire Analog Resistive
• Lead-to-Lead Resistance: 50-2,000Ω (typical)
• Layer-to-Layer Capacitance: 0-0.5 uF
• Touch Sensor Time Constant: 500 us (maximum)

Touch Resolution:
• 10-bit Resolution (maximum)

Touch Coordinate Report Rate:
• 140 Reports Per Second (typical) with a Touch Sensor of 0.02 uF with 200Ω Layers
• Actual Report Rate is dependent on the Touch Sensor used.

Communications:
• SPI, Slave mode, p/n AR1021
• I2CTM, Slave mode, p/n, AR1021
• UART, 9600 Baud Rate, p/n AR1011

Applications
The AR1000 Series is designed for high volume, small form factor touch solutions with quick time to market requirements – including, but not limited to:
• Mobile communication devices
• Personal Digital Assistants (PDA)
• Global Positioning Systems (GPS)
• Touch Screen Monitors
• KIOSK
• Media Players
• Portable Instruments
• Point of Sale Terminals




Similar Part No. - AR1011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1011-I/ML MICROCHIP-AR1011-I/ML Datasheet
3Mb / 70P
Resistive Touch Screen Controller
11/29/11
AR1011-I/ML MICROCHIP-AR1011-I/ML Datasheet
2Mb / 61P
AR1000 Series Resistive Touch Screen Controller
06/23/16
AR1011-I/SO MICROCHIP-AR1011-I/SO Datasheet
3Mb / 70P
Resistive Touch Screen Controller
11/29/11
AR1011-I/SO MICROCHIP-AR1011-I/SO Datasheet
2Mb / 61P
AR1000 Series Resistive Touch Screen Controller
06/23/16
AR1011-I/SS MICROCHIP-AR1011-I/SS Datasheet
3Mb / 70P
Resistive Touch Screen Controller
11/29/11
More results


Similar Description - AR1011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
Resistive Touch Screen Controller
2009
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
Resistive Touch Screen Controller
11/29/11
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
Resistive Type Touch Screen Controller ICs
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
4-wire Resistive Touch Screen Controller
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
Resistive Type Touch Screen Controller ICs
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
4-wire resistive touch screen controller
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com