Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1011 Datasheet(PDF) 5 Page - Microchip Technology

Part # AR1011
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011 Datasheet(HTML) 5 Page - Microchip Technology

  AR1011 Datasheet HTML 1Page - Microchip Technology AR1011 Datasheet HTML 2Page - Microchip Technology AR1011 Datasheet HTML 3Page - Microchip Technology AR1011 Datasheet HTML 4Page - Microchip Technology AR1011 Datasheet HTML 5Page - Microchip Technology AR1011 Datasheet HTML 6Page - Microchip Technology AR1011 Datasheet HTML 7Page - Microchip Technology AR1011 Datasheet HTML 8Page - Microchip Technology AR1011 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 5
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
2.0
BASICS OF RESISTIVE
SENSORS
2.1
Terminology
ITO (Indium Tin Oxide) is the resistive coating that
makes up the active area of the touch sensor. ITO is a
transparent semiconductor that is sputtered onto the
touch sensor layers.
Flex or Film or Topsheet is the top sensor layer that a
user touches. Flex refers to the fact that the top layer
physically flexes from the pressure of a touch.
Stable or Glass is the bottom sensor layer that
interfaces against the display.
Spacer Adhesive is a frame of adhesive that connects
the flex and stable layers together around the perimeter
of the sensor.
Spacer
Dots
maintain
physical
and
electrical
separation between the flex and stable layers. The dots
are typically printed onto the stable layer.
Bus Bars or Silver Frit electrically connect the ITO on
the flex and stable layers to the sensor’s interface tail.
Bus bars are typically screen printed silver ink. They
are typically much lower in resistivity than the ITO.
X-Axis is the left and right direction on the touch sensor.
Y-Axis is the top and bottom direction on the touch
sensor.
Drive Lines supply a voltage gradient across the
sensor.
2.2
General
Resistive 4, 5, and 8-wire touch sensors consist of two
facing conductive layers, held in physical separation
from each other. The force of a touch causes the top
layer to deflect and make electrical contact with the
bottom layer.
Touch position measurements are made by applying a
voltage gradient across a layer or axis of the touch
sensor. The touch position voltage for the axis can be
measured using the opposing layer.
A comparison of typical sensor constructions is shown
below in Table 2-1.
The
AR1000
Series
Resistive
Touch
Screen
Controllers will work with any manufacturers of analog
resistive 4, 5 and 8-wire touch screens. The
communications and decoding are included, allowing
the user the quickest simplest method of interfacing
analog resistive touch screens into their applications.
The
AR1000
Series
was
designed
with
an
understanding of the materials and processes that
make up resistive touch screens. The AR1000 Series
Touch Controller is not only reliable, but can enhance
the reliability and longevity of the resistive touch
screen, due to its advanced filtering algorithms and
wide range of operation.
TABLE 2-1:
SENSOR COMPARISON
Sensor
Comments
4-Wire
Less expensive than 5-wire or 8-wire
Lower power than 5-wire
More linear (without correction) than
5-wire
Touch inaccuracies occur from flex layer
damage or resistance changes
5-Wire
Maintains touch accuracy with flex layer
damage
Inherent nonlinearity often requires touch
data correction
Touch inaccuracies occur from resistance
changes
8-Wire
More expensive than 4-wire
Lower power than 5-wire
More linear (without correction) than
5-wire
Touch inaccuracies occur from flex layer
damaged
Maintains touch accuracy with resistance
changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com