Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1011 Datasheet(PDF) 13 Page - Microchip Technology

Part # AR1011
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011 Datasheet(HTML) 13 Page - Microchip Technology

Back Button AR1011 Datasheet HTML 9Page - Microchip Technology AR1011 Datasheet HTML 10Page - Microchip Technology AR1011 Datasheet HTML 11Page - Microchip Technology AR1011 Datasheet HTML 12Page - Microchip Technology AR1011 Datasheet HTML 13Page - Microchip Technology AR1011 Datasheet HTML 14Page - Microchip Technology AR1011 Datasheet HTML 15Page - Microchip Technology AR1011 Datasheet HTML 16Page - Microchip Technology AR1011 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 13
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
3.6
Status LED
The LED and associated resistor are optional.
FIGURE 3-5:
LED SCHEMATIC
The LED serves as a status indicator that the controller
is functioning. It will slow flash when the controller is
running with no touch in progress. It will flicker quickly
(mid-level on) when a touch is in progress.
If the LED is used with SPI communication, then the
LED will be off with no touch and flicker quickly
(mid-level on) when a touch is in progress.
3.7
WAKE Pin
The AR1000’s WAKE pin is described as “Touch
Wake-Up/Touch Detection”. It serves the following
three roles in the controller’s functionality:
• Wake-up from touch
• Touch detection
• Measure sensor capacitance
The application circuit shows a 20 KΩ resistor
connected between the WAKE pin and the X- pin on the
controller chip. The resistor is required for product
operation, based on all three of the above roles.
3.8
ESD Considerations
ESD protection is shown on the 4-wire, 5-wire, and
8-wire interface applications schematics.
The capacitance of alternate ESD diodes may
adversely
affect
touch
performance.
A
lower
capacitance is better. The PESD5V0S1BA parts shown
in the reference design have a typical capacitance of 35
pF. Test to ensure that selected ESD protection does
not degrade touch performance.
ESD protection is shown in the reference design, but
acceptable protection is dependent on your specific
application. Ensure your ESD solution meets your
design requirements.
3.9
Noise Considerations
Touch sensor filtering capacitors are included in the
reference design.
Note:
If the SIQ pin is not used, it must be left as
a No Connect and NOT tied to circuit VDD or
VSS.
Warning:
Changing the value of the capacitors may
adversely affect performance of the touch system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com