Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1011 Datasheet(PDF) 17 Page - Microchip Technology

Part # AR1011
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011 Datasheet(HTML) 17 Page - Microchip Technology

Back Button AR1011 Datasheet HTML 13Page - Microchip Technology AR1011 Datasheet HTML 14Page - Microchip Technology AR1011 Datasheet HTML 15Page - Microchip Technology AR1011 Datasheet HTML 16Page - Microchip Technology AR1011 Datasheet HTML 17Page - Microchip Technology AR1011 Datasheet HTML 18Page - Microchip Technology AR1011 Datasheet HTML 19Page - Microchip Technology AR1011 Datasheet HTML 20Page - Microchip Technology AR1011 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 17
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
4.8
Touch Report Protocol
Touch coordinates, when available, are provided to the
master by the AR1021 in the following protocol (See
Figure 4-3).
FIGURE 4-3:
I2C TOUCH REPORT PROTOCOL
Note that the IRQ signal shown above occurs on the
SDO pin of the AR1021.
4.9
Command Protocol
The master issues supported commands to the
AR1021 in the following protocol.
Below is an example of the ENABLE_TOUCH command
(see Figure 4-4).
FIGURE 4-4:
I2C COMMAND PROTOCOL
Note that the IRQ shown above occurs on the SDO pin.
• 0x9A
AR1021 Device ID address
• 0x00
Protocol command byte (send 0x00 for
the protocol command register)
• 0x55
Header
• 0x01
Data size
• 0x12
Command
4.10
Sleep State
Pending communications are not maintained through a
sleep/wake cycle.
If the SDO pin is asserted for a pending touch report or
command response, and the AR1021 enters a Sleep
state, prior to the master performing a read on the data,
then the data is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com