Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM-2F Datasheet (PDF) - CUI INC

CPM-2F Datasheet PDF - CUI INC
Part # CPM-2F
Download  CPM-2F Download
File Size   155.64 Kbytes
Page   3 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 6.0 A PELTIER UNIT

CPM-2F Datasheet (PDF)

Go To PDF Page Download Datasheet
CPM-2F Datasheet PDF - CUI INC

Part # CPM-2F
Download  CPM-2F Click to download

File Size   155.64 Kbytes
Page   3 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 6.0 A PELTIER UNIT

CPM-2F Datasheet (HTML) - CUI INC




Similar Part No. - CPM-2F

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPM-2F CUI-CPM-2F Datasheet
370Kb / 2P
peltier cooling unit
logo
Same Sky Devices
CPM-2F SAMESKY-CPM-2F Datasheet
232Kb / 3P
PELTIER COOLING UNIT
09/12/2024
More results


Similar Description - CPM-2F

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CPM-2F CUI-CPM-2F Datasheet
370Kb / 2P
peltier cooling unit
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP20 CUI-CP20 Datasheet
289Kb / 5P
2.0 A PELTIER MODULE
CP30 CUI-CP30 Datasheet
290Kb / 5P
3.0 A PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com