Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM-2F Datasheet(PDF) 1 Page - CUI INC

Part # CPM-2F
Description  6.0 A PELTIER UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPM-2F Datasheet(HTML) 1 Page - CUI INC

  CPM-2F Datasheet HTML 1Page - CUI INC CPM-2F Datasheet HTML 2Page - CUI INC CPM-2F Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
cui.com
date
05/07/2012
page
1 of 3
MODEL:
CPM-2F │ DESCRIPTION: 6.0 A PELTIER UNIT
date
05/07/2012
page
1 of 3
FEATURES
• better seal structure for water resistance and
absorbtion of thermal stress
• easy installation
• no screws to tighten result in better heat
absorbtion and maximum performance
RoHS
MODEL
input
voltage1
input
current
output
Qmax2
output
∆Tmax2
max
(V)
max
(A)
T
h=50°C
(W)
T
h=50°C
(°C)
CPM-2F
12
6
46
73
Notes:
1. at inverse voltage, "cold side plate" becomes hot side plate
2. maximum cooling capacity at I
max, Vmax, and ∆T=0°C
3. maximum temperature difference at I
max, Vmax, and Q=0W (maximum parameters are measured in a vacuum)
GENERAL
parameter
conditions/description
min
typ
max
units
internal resistance4
1.85
2.35
Ω
cold side plate
-20
60
°C
Notes:
4. measured by AC 4-terminal method at 25°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 second
1,200
Vac
insulation resistance
input to output at 250 Vdc
10
MΩ
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
035
°C
storage temperature
-20
70
°C
operating humidity
30
85
%
storage humidity
10
90
%
For further information and product selection refer to peltier applicaftion notes.pdf
For more information, please visit the product page.


Similar Part No. - CPM-2F

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPM-2F CUI-CPM-2F Datasheet
370Kb / 2P
peltier cooling unit
logo
Same Sky Devices
CPM-2F SAMESKY-CPM-2F Datasheet
232Kb / 3P
PELTIER COOLING UNIT
09/12/2024
More results

Similar Description - CPM-2F

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CPM-2F CUI-CPM-2F Datasheet
370Kb / 2P
peltier cooling unit
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP20 CUI-CP20 Datasheet
289Kb / 5P
2.0 A PELTIER MODULE
CP30 CUI-CP30 Datasheet
290Kb / 5P
3.0 A PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com