Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF5-1822/CR-HT Datasheet (PDF) - Hirose Electric

DF5-1822/CR-HT Datasheet PDF - Hirose Electric
Part # DF5-1822/CR-HT
Download  DF5-1822/CR-HT Download
File Size   203.03 Kbytes
Page   5 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 5mm Pitch Miniature Potting Connectors for Secondary Power Supply

DF5-1822/CR-HT Datasheet (PDF)

Go To PDF Page Download Datasheet
DF5-1822/CR-HT Datasheet PDF - Hirose Electric

Part # DF5-1822/CR-HT
Download  DF5-1822/CR-HT Click to download

File Size   203.03 Kbytes
Page   5 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 5mm Pitch Miniature Potting Connectors for Secondary Power Supply

DF5-1822/CR-HT Datasheet (HTML) - Hirose Electric


DF5-1822/CR-HT Product details

■ Features
1. Potting Product
   This connector is capable of potting 9mm maximum, and 22.5mm mounting height is a low profile. (Fig.1)
2. Prevent Mis-insertion
   When the socket and pin header are mated, this connector is equipped with a mechanism to prevent reverse insertion or dissimilar contact insertion.
3. Means to Prevent Solder Cracks
   The pin header employs glass enforced resin, and takes countermeasures to prevent solder cracks due to heat shrinkage.
4. Prevent Reverse Insertion in Printed Board
   Boss is added to the pin header, and prevents reverse insertion in the printed board.
5. Full Lock Mechanism
   The outer lock system employs full lock mechanism.
6. Current Capacity of 8A
   Power can be supplied at 8A maximum. Specification will change according to applicable cable, number of contacts, number of rows. For further information, refer to product specifications as listed on next page.
7. UL and C-UL Certified
8. Glow Wire Compliance (Compliant with IEC 60695-2-11)




Similar Part No. - DF5-1822/CR-HT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5-1822SC HIROSE-DF5-1822SC Datasheet
230Kb / 6P
5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5-1822SCF HIROSE-DF5-1822SCF Datasheet
230Kb / 6P
5mm Pitch Miniature Potting Connector for Secondary Power Supply
More results


Similar Description - DF5-1822/CR-HT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
Sep-1993
logo
Hirose Electric
DF5A-2S-5C HIROSE-DF5A-2S-5C Datasheet
230Kb / 6P
5mm Pitch Miniature Potting Connector for Secondary Power Supply
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
fujitsu semiconductor
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
ASSP for Power Supply Applications (Secondary Battery)
logo
Hitachi Semiconductor
HA16341NT HITACHI-HA16341NT Datasheet
230Kb / 21P
Redundant Secondary Switching Power Supply Controller
logo
Renesas Technology Corp
HA16341NT RENESAS-HA16341NT Datasheet
414Kb / 20P
Redundant Secondary Switching Power Supply Controller
logo
Hirose Electric
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
Micro-Miniature Interface Connectors For Power Supply/Signaling
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
Power Supply Connectors For Industrial Equipment
DF5A-2S-5C HIROSE-DF5A-2S-5C_1 Datasheet
220Kb / 6P
5mm Pitch Miniature Potting Connector for Secondary Power Supply
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
Micro-Miniature Interface Connectors For Power Supply/Signaling
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com