Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD415SI Datasheet (PDF) - IXYS Corporation

IXDD415SI Datasheet PDF - IXYS Corporation
Part # IXDD415SI
Download  IXDD415SI Download
File Size   161.63 Kbytes
Page   8 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Dual 15 Ampere Low-Side Ultrafast MOSFET Driver

IXDD415SI Datasheet (PDF)

Go To PDF Page Download Datasheet
IXDD415SI Datasheet PDF - IXYS Corporation

Part # IXDD415SI
Download  IXDD415SI Click to download

File Size   161.63 Kbytes
Page   8 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Dual 15 Ampere Low-Side Ultrafast MOSFET Driver

IXDD415SI Datasheet (HTML) - IXYS Corporation


IXDD415SI Product details

General Description

The IXDD415 is a dual CMOS high speed high current gate driver specifically designed to drive MOSFETs in Class D and E HF RF applications, as well as other applications requiring ultrafast rise and fall times or short minimum pulse widths. Each output of the IXDD415 can source and sink 15A of peak current while producing voltage rise and fall times of less than 3ns. The outputs of the IXDD415 may be paralleled, producing a single output of up to 30A with comparable rise and fall times. The input of the driver is compatible with TTL or CMOS and is fully immune to latch up over the entire operating range. Designed with small internal delays, cross conduction/current shoot-through is virtually eliminated in the IXDD415. Its features and wide safety margin in operating voltage and power make the IXDD415 unmatched in performance and value.



Features

• Built using the advantages and compatibility of CMOS and IXYS HDMOSTM processes

• Latch-Up Protected

• High Peak Output Current: Dual 15A Peak

• Wide Operating Range: 8V to 30V

• Rise And Fall Times of <3ns

• Minimum Pulse Width Of 6ns

• Ability to Disable Output under Faults

• High Capacitive Load
Drive Capability: 4nF in <5ns

• Matched Rise And Fall Times

• 32ns Input To Output Delay Time

• Low Output Impedance

• Low Supply Current



Applications

• Driving RF MOSFETs

• Class D or E Switching Amplifier Drivers

• Multi MHz Switch Mode Power Supplies (SMPS)

• Pulse Generators

• Acoustic Transducer Drivers

• Pulsed Laser Diode Drivers

• DC to DC Converters

• Pulse Transformer Driver



 




Similar Part No. - IXDD415SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414CI IXYS-IXDD414CI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414CI IXYS-IXDD414CI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
More results


Similar Description - IXDD415SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com