Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-162B Datasheet (PDF) - Hirose Electric

MS-162B Datasheet PDF - Hirose Electric
Part # MS-162B
Download  MS-162B Download
File Size   349.13 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Miniature Interface Coaxial Switch, DC to 10 GHz

MS-162B Datasheet (PDF)

Go To PDF Page Download Datasheet
MS-162B Datasheet PDF - Hirose Electric

Part # MS-162B
Download  MS-162B Click to download

File Size   349.13 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Miniature Interface Coaxial Switch, DC to 10 GHz

MS-162B Datasheet (HTML) - Hirose Electric




Similar Part No. - MS-162B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-16-140 ETC2-MS-16-140 Datasheet
5Mb / 282P
High-Speed Interconnect Technology
MS-16-140-Y ETC2-MS-16-140-Y Datasheet
5Mb / 282P
High-Speed Interconnect Technology
logo
Crydom Inc.,
MS-16H CRYDOM-MS-16H Datasheet
379Kb / 4P
MS SERIES Input/output module mounting boards
More results


Similar Description - MS-162B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-156 HIROSE-MS-156 Datasheet
581Kb / 8P
Subminiature Coaxial Switch 1.6 mm High, DC to 6 GHz
logo
API Technologies Corp
6805 APITECH-6805 Datasheet
121Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6709 APITECH-6709 Datasheet
73Kb / 2P
DC TO 1 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6705 APITECH-6705 Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
logo
List of Unclassifed Man...
MS-156C ETC2-MS-156C Datasheet
757Kb / 10P
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
logo
Hirose Electric
MS-180 HIROSE-MS-180 Datasheet
381Kb / 8P
Subminiature Coaxial Switch 0.85 mm High, DC to 11 GHz
MS-156C HIROSE-MS-156C_17 Datasheet
1Mb / 12P
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
logo
Teledyne Technologies I...
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com