Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3272E/D Datasheet (PDF) - Maxim Integrated Products

MAX3272E/D Datasheet PDF - Maxim Integrated Products
Part # MAX3272E/D
Download  MAX3272E/D Download
File Size   549.45 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.5Gbps Low-Power Limiting Amplifier

MAX3272E/D Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3272E/D Datasheet PDF - Maxim Integrated Products

Part # MAX3272E/D
Download  MAX3272E/D Click to download

File Size   549.45 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 2.5Gbps Low-Power Limiting Amplifier

MAX3272E/D Datasheet (HTML) - Maxim Integrated Products


MAX3272E/D Product details

General Description
The MAX3272/MAX3272A 2.5Gbps limiting amplifiers accept a wide range of input voltages and provide a constant-level output voltage with controlled edge speeds. Additional features include power detectors with programmable loss-of-signal (LOS) indication, an optional squelch function that mutes the data output signal when the input voltage falls below a programmable threshold, and an output polarity selector. These parts exhibit excellent jitter performance and have low power dissipation.

Features
♦ Single +3.3V Power Supply
♦ 33mA Supply Current
♦ 5ps Deterministic Jitter
♦ 90ps Edge Speed
♦ Output Squelch Function
♦ Programmable Loss-of-Signal Function
♦ CML Output Interface
♦ 20-Pin 4mm ✕ 4mm QFN or Thin QFN Package
♦ Selectable Output Polarity

Applications
    Gigabit Ethernet Optical Receivers
    Fibre Channel Optical Receivers
    System Interconnects
    2.5Gbps Optical Receivers
    SONET/SDH Receivers




Similar Part No. - MAX3272E/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3272E MAXIM-MAX3272E Datasheet
625Kb / 14P
3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3272ED MAXIM-MAX3272ED Datasheet
625Kb / 14P
3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3272EGP MAXIM-MAX3272EGP Datasheet
625Kb / 14P
3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
More results


Similar Description - MAX3272E/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Micrel Semiconductor
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
2.5Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com