Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ3RD083 Datasheet (PDF) - Sharp Corporation

PQ3RD083 Datasheet PDF - Sharp Corporation
Part # PQ3RD083
Download  PQ3RD083 Download
File Size   100.82 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR

PQ3RD083 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ3RD083 Datasheet PDF - Sharp Corporation

Part # PQ3RD083
Download  PQ3RD083 Click to download

File Size   100.82 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR

PQ3RD083 Datasheet (HTML) - Sharp Corporation


PQ3RD083 Product details

■ Features

● Low power-loss (Dropout voltage: MAX. 0.5V at Io=0.5A)

● 0.8A output type

● Compact resin package (equivalent to TO-220)

● Available 3.3V/5V/6.3V/9V/12V output type

● Output voltage precision: ±3.0%

● Built-in ON/OFF control function

● Built-in Overcurrent, overheat protection functions, ASO protection circuit

● Lead forming type is also available.



■ Applications

● Power supplies for various electronic equipment such as AV, OA equipment



 




Similar Part No. - PQ3RD083

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3RD13 SHARP-PQ3RD13 Datasheet
20Kb / 2P
3.3V Output, High Cost Performance Low Power-Loss Voltage Regulator
PQ3RD13 SHARP-PQ3RD13 Datasheet
67Kb / 6P
1A Output, General Purpose Low Power-loss Voltage Regulators
PQ3RD23 SHARP-PQ3RD23 Datasheet
21Kb / 2P
Low Power-Loss Voltage Regulator
PQ3RD23 SHARP-PQ3RD23 Datasheet
70Kb / 7P
2.0A Output Type Low Power-Loss Voltage Regulator
More results


Similar Description - PQ3RD083

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
Variable Output Low Power-Loss Voltage Regulator
PQ3RF43 SHARP-PQ3RF43 Datasheet
30Kb / 4P
3.3V/4.6V Output Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
2.0A Output Type Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
RXXLD30 ETL-RXXLD30 Datasheet
110Kb / 9P
3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com