Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2806-4 Datasheet (PDF) - NEC

PS2806-4 Datasheet PDF - NEC
Part # PS2806-4
Download  PS2806-4 Download
File Size   105.47 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER

PS2806-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2806-4 Datasheet PDF - NEC

Part # PS2806-4
Download  PS2806-4 Click to download

File Size   105.47 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER

PS2806-4 Datasheet (HTML) - NEC


PS2806-4 Product details

DESCRIPTION
PS2806-1 and PS2806-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon Darlington-connected phototransistor in a plastic SOP (Small Out-Line Package) for high density applications. This device has a shield effect to cut off ambient light.

FEATURES
• HIGH ISOLATION VOLTAGE
    BV: 2500 kVr.m.s.
• SMALL THIN PACKAGE
    4, 16 pin SOP, pin pitch 1.27 mm
• AC INPUT RESPONSE
• HIGH CURRENT TRANSFER RATIO
    CTR = 2000% TYP @ IF = ±1 mA, VCE = 2 V
• AVAILABLE IN TAPE AND REEL
    PS2806-1-F3, PS2806-4-F3

APPLICATIONS
• PROGRAMMABLE LOGIC CONTROLLERS
• MEASURING INSTRUMENTS
• HYBRID IC




Similar Part No. - PS2806-4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2806-4 CEL-PS2806-4 Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2806-4 RENESAS-PS2806-4 Datasheet
266Kb / 16P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2806-4-F3 CEL-PS2806-4-F3 Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2806-4-F3 RENESAS-PS2806-4-F3 Datasheet
266Kb / 16P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results


Similar Description - PS2806-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2805-1 NEC-PS2805-1 Datasheet
135Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
PS2603 NEC-PS2603 Datasheet
119Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2607 CEL-PS2607 Datasheet
129Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
PS2603 CEL-PS2603 Datasheet
123Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2506-1 RENESAS-PS2506-1 Datasheet
279Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com