Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C02ADP-11 Datasheet (PDF) - Seiko Instruments Inc

S-24C02ADP-11 Datasheet PDF - Seiko Instruments Inc
Part # S-24C02ADP-11
Download  S-24C02ADP-11 Download
File Size   278.4 Kbytes
Page   23 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description CMOS 2-WIRE SERIAL EEPROM

S-24C02ADP-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-24C02ADP-11 Datasheet PDF - Seiko Instruments Inc

Part # S-24C02ADP-11
Download  S-24C02ADP-11 Click to download

File Size   278.4 Kbytes
Page   23 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description CMOS 2-WIRE SERIAL EEPROM

S-24C02ADP-11 Datasheet (HTML) - Seiko Instruments Inc


S-24C02ADP-11 Product details

The S-24C0XA is a series of 2-wired, low power 1K/2K/4K-bit EEPROMs with a wide operating range. They are organized as 128-word × 8-bit, 256-word × 8-bit, and 512-word × 8-bit, respectively. Each is capable of page write, and sequential read.
The time for byte write and page write is the same, i. e., 1 msec. (max.) during operation at 5 V ± 10%.
   
Features
• Low power consumption
    Standby: 1.0 µA Max. (VCC=5.5 V)
    Operating: 0.4 mA Max. (VCC=5.5 V)
    0.3 mA Max. (VCC=3.3 V)
• Wide operating voltage range
    Write: 2.5 to 5.5 V
    Read: 1.8 to 5.5 V
• Page write
    8 bytes (S-24C01A, S-24C02A)
    16 bytes (S-24C04A)   
• Endurance: 106 cycles/word
• Data retention: 10 years
• Write protection: S-24C02A, S-24C04A
• S-24C01A: 1 kbits
• S-24C02A: 2 kbits
• S-24C04A: 4 kbits
   




Similar Part No. - S-24C02ADP-11

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C02ADP SII-S-24C02ADP Datasheet
1Mb / 20P
CMOS 2-WIRED SERIAL EEPROM
More results


Similar Description - S-24C02ADP-11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
CMOS 4K 2-Wire Serial EEPROM
November 25, 2003
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
CMOS 64K 2-WIRE SERIAL EEPROM
January 5, 2005
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
CMOS 32K 2-Wire Serial EEPROM
March 16, 2006
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
CMOS 2K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
CMOS 256K 2-Wire Serial EEPROM
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
CMOS 4K 2-Wire Serial EEPROM
January 16, 2014
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
CMOS 128K 2-Wire Serial EEPROM
March 12, 2015
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com