Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP820 Datasheet (PDF) - Caddock Electronics, Inc.

MP820 Datasheet PDF - Caddock Electronics, Inc.
Part # MP820
Download  MP820 Download
File Size   215.61 Kbytes
Page   2 Pages
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.
Description MP800 Series Kool-Pak짰 Power Film Resistors

MP820 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP820 Datasheet PDF - Caddock Electronics, Inc.

Part # MP820
Download  MP820 Click to download

File Size   215.61 Kbytes
Page   2 Pages
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.
Description MP800 Series Kool-Pak짰 Power Film Resistors

MP820 Datasheet (HTML) - Caddock Electronics, Inc.


MP820 Product details

MP800 Series Kool-Pak® Power Film Resistors TO-220 Style and TO-126 Style - Non-Inductive Designs



Use your thermal design experience with power semiconductors in TO-220 and TO-126 style power packages to help you get the most out of this unique family of power resistors. The thermal design issues are the same where power handling capability is based on the case temperature which is maintained in your design.



MP820 and MP821 TO-220 Style Power Package

with Metal Mounting Tab

• 20 Watts at +25°C Case Temperaturederated to zero at +175°C.

• Metal Heat Sink Mounting Tab.

• MP820 Resistance Range of 10.0 ohm to 10.0 K.

• MP821 Resistance Range of 0.020 ohm to 9.99 ohm.

• Resistor element is electrically isolated from the mounting surface.

• Non-Inductive design for high speed switching, snubbers,  and rf applications.



 



 




Similar Part No. - MP820

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MP820 CADDOCK-MP820 Datasheet
522Kb / 2P
TO-220 Style and TO-126 Style - Non-Inductive Designs
logo
Monolithic Power System...
MP8200 MPS-MP8200 Datasheet
218Kb / 7P
1.0V Precision Shunt Voltage Regulator
MP8200DT MPS-MP8200DT Datasheet
218Kb / 7P
1.0V Precision Shunt Voltage Regulator
MP8201 MPS-MP8201 Datasheet
188Kb / 7P
Precision Adjustable Shunt Voltage Regulator
MP8201DT MPS-MP8201DT Datasheet
188Kb / 7P
Precision Adjustable Shunt Voltage Regulator
More results


Similar Description - MP820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP808 ETC1-MP808 Datasheet
129Kb / 2P
Kool-Pak Power Film Resistors
MP9100 ETC1-MP9100 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
MP312 ETC2-MP312 Datasheet
107Kb / 1P
Power Film Resistors
MS126 ETC2-MS126 Datasheet
233Kb / 2P
Power Film Resistors
logo
Riedon Powertron
NPR2-T126 RIEDON-NPR2-T126 Datasheet
293Kb / 2P
Power Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Caddock Electronics, In...
MP800 CADDOCK-MP800 Datasheet
215Kb / 2P
MP800 Series Kool-Pak짰 Power Film Resistors
MP2060 CADDOCK-MP2060 Datasheet
137Kb / 1P
MP2060 Kool-Pak짰 Clip Mount Power Film Resistor
MPM20 CADDOCK-MPM20 Datasheet
416Kb / 1P
MPM20 Kool-Tab짰 Power Film Resistors
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com