Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9694 Datasheet (PDF) - Analog Devices

AD9694 Datasheet PDF - Analog Devices
Part # AD9694
Download  AD9694 Download
File Size   2749.03 Kbytes
Page   101 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter

AD9694 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9694 Datasheet PDF - Analog Devices

Part # AD9694
Download  AD9694 Click to download

File Size   2749.03 Kbytes
Page   101 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter

AD9694 Datasheet (HTML) - Analog Devices


AD9694 Product details

GENERAL DESCRIPTION

The AD9694 is a quad, 14-bit, 500 MSPS analog-to-digital converter (ADC). The device has an on-chip buffer and a sample-and-hold circuit designed for low power, small size, and ease of use. This device is designed for sampling wide bandwidth analog signals of up to 1.4 GHz. The AD9694 is optimized for wide input bandwidth, high sampling rate, excellent linearity, and low power in a small package.



FEATURES

JESD204B (Subclass 1) coded serial digital outputs Lane rates up to 15 Gbps

1.66 W total power at 500 MSPS

   415 mW per analog-to-digital converter (ADC) channel

SFDR = 82 dBFS at 305 MHz (1.80 V p-p input range)

SNR = 66.8 dBFS at 305 MHz (1.80 V p-p input range)

Noise density = −151.5 dBFS/Hz (1.80 V p-p input range)

0.975 V, 1.8 V, and 2.5 V dc supply operation

No missing codes

Internal ADC voltage reference

Analog input buffer

On-chip dithering to improve small signal linearity

Flexible differential input range    1.44 V p-p to 2.16 V p-p (1.80 V p-p nominal)

1.4 GHz analog input full power bandwidth

Amplitude detect bits for efficient AGC implementation

4 integrated wideband digital processors 48-bit NCO, up to 4 cascaded half-band filters

Differential clock input

Integer clock divide by 1, 2, 4, or 8

On-chip temperature diode

Flexible JESD204B lane configurations



APPLICATIONS

Communications

Diversity multiband, multimode digital receivers 3G/4G, W-CDMA, GSM, LTE, LTE-A

General-purpose software radios

Ultrawideband satellite receivers

Instrumentation

Radars

Signals intelligence (SIGINT)




Similar Part No. - AD9694

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694TCPZ-500-CSL AD-AD9694TCPZ-500-CSL Datasheet
525Kb / 16P
14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694TCPZ-500-EP AD-AD9694TCPZ-500-EP Datasheet
614Kb / 15P
14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
More results


Similar Description - AD9694

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9683 AD-AD9683 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
Dual 14-bit 500 MSPS Digital to Analog Converter
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
Dual 14-bit 500 MSPS Digital to Analog Converter
logo
Analog Devices
AD9234 AD-AD9234 Datasheet
1Mb / 66P
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
REV. A
AD9690 AD-AD9690 Datasheet
2Mb / 77P
14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
AD9697 AD-AD9697 Datasheet
1Mb / 130P
14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com