Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet (PDF) - Analog Devices

AD9683 Datasheet PDF - Analog Devices
Part # AD9683
Download  AD9683 Download
File Size   1386.53 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter

AD9683 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9683 Datasheet PDF - Analog Devices

Part # AD9683
Download  AD9683 Click to download

File Size   1386.53 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter

AD9683 Datasheet (HTML) - Analog Devices


AD9683 Product details

GENERAL DESCRIPTION

The AD9683 is a 14-bit ADC with sampling speeds of up to 250 MSPS. The AD9683 is designed to support communications applications where low cost, small size, wide bandwidth, and versatility are desired.



FEATURES

JESD204B Subclass 0 or Subclass 1 coded serial digital outputs

Signal-to-noise ratio (SNR) = 70.6 dBFS at 185 MHz AIN and 250 MSPS

Spurious-free dynamic range (SFDR) = 88 dBc at 185 MHz AIN and 250 MSPS

Total power consumption: 434 mW at 250 MSPS

1.8 V supply voltages

Integer 1-to-8 input clock divider

Sample rates of up to 250 MSPS

IF sampling frequencies of up to 400 MHz

Internal analog-to-digital converter (ADC) voltage reference

Flexible analog input range 1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)

ADC clock duty cycle stabilizer (DCS)

Serial port control

Energy saving power-down modes



APPLICATIONS

Communications

Diversity radio systems

Multimode digital receivers (3G)

     TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM, EDGE, LTE

DOCSIS 3.0 CMTS upstream receive paths

HFC digital reverse path receivers

Smart antenna systems

Electronic test and measurement equipment

Radar receivers

COMSEC radio architectures

IED detection/jamming systems

General-purpose software radios

Broadband data applications

Ultrasound equipment




Similar Part No. - AD9683

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
AD9683-170EBZ AD-AD9683-170EBZ Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
AD9683-250EBZ AD-AD9683-250EBZ Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
AD9683BCPZ-170 AD-AD9683BCPZ-170 Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
AD9683BCPZ-250 AD-AD9683BCPZ-250 Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
More results


Similar Description - AD9683

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9643 AD-AD9643 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9250 AD-AD9250 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9694 AD-AD9694 Datasheet
2Mb / 101P
14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
REV. 0
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. E
AD9697 AD-AD9697 Datasheet
1Mb / 130P
14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com