Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 3 Page - Analog Devices

  AD9683 Datasheet HTML 1Page - Analog Devices AD9683 Datasheet HTML 2Page - Analog Devices AD9683 Datasheet HTML 3Page - Analog Devices AD9683 Datasheet HTML 4Page - Analog Devices AD9683 Datasheet HTML 5Page - Analog Devices AD9683 Datasheet HTML 6Page - Analog Devices AD9683 Datasheet HTML 7Page - Analog Devices AD9683 Datasheet HTML 8Page - Analog Devices AD9683 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
AD9683
Rev. 0 | Page 3 of 44
Flexible power-down options allow significant power savings,
when desired. Programmable overrange level detection is
supported via the dedicated fast detect pins.
Programming for setup and control is accomplished using a
3-wire SPI-compatible serial interface.
The AD9683 is available in a 32-lead LFCSP and is specified
over the industrial temperature range of −40°C to +85°C. This
product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1. Integrated 14-bit, 170 MSPS/250 MSPS ADC.
2. The configurable JESD204B output block supports lane
rates up to 5 Gbps.
3. An on-chip, phase-locked loop (PLL) allows users to provide a
single ADC sampling clock; the PLL multiplies the ADC
sampling clock to produce the corresponding JESD204B
data rate clock.
4. Support for an optional RF clock input to ease system board
design.
5. Proprietary differential input maintains excellent SNR
performance for input frequencies of up to 400 MHz.
6. Operation from a single 1.8 V power supply.
7. Standard serial port interface (SPI) that supports various
product features and functions, such as controlling the clock
DCS, power-down, test modes, voltage reference mode,
overrangefast detection, and serial output configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com