Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9683 Datasheet HTML 12Page - Analog Devices AD9683 Datasheet HTML 13Page - Analog Devices AD9683 Datasheet HTML 14Page - Analog Devices AD9683 Datasheet HTML 15Page - Analog Devices AD9683 Datasheet HTML 16Page - Analog Devices AD9683 Datasheet HTML 17Page - Analog Devices AD9683 Datasheet HTML 18Page - Analog Devices AD9683 Datasheet HTML 19Page - Analog Devices AD9683 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD9683
Data Sheet
Rev. 0 | Page 16 of 44
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (MHz)
THIRD HARMONIC
250MSPS
305.1MHz AT –1dBFS
SNR = 67.5dB (68.5dBFS)
SFDR = 85dBc
SECOND HARMONIC
Figure 23. AD9683-250 Single-Tone FFT with fIN = 305.1 MHz
0
20
40
60
80
100
120
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 24. AD9683-250 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 185.1 MHz
60
65
70
75
80
85
90
95
100
10
45
80 115 150 185 220 255 290 325 360 395 430 465 500
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 25. AD9683-250 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
60
65
70
75
80
85
90
95
100
10
45
80 115 150 185 220 255 290 325 360 395 430 465 500
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 26. AD9683-250 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
RFCLK = 1.0 GHz with Divide by 4 (Address 0x09 = 0x21)
–120
–100
–80
–60
–40
–20
0
–90.0
–78.5
–67.0
–55.5
–44.0
–32.5
–21.0
–9.5
INPUT AMPLITUDE (dBFS)
IMD3 (dBc)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBFS)
Figure 27. AD9683-250 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 250 MSPS
–120
–100
–80
–60
–40
–20
0
–90.0
–78.5
–67.0
–55.5
–44.0
–32.5
–21.0
–9.5
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
IMD3 (dBc)
SFDR (dBFS)
IMD3 (dBFS)
Figure 28. AD9683-250 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com