Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9683 Datasheet HTML 25Page - Analog Devices AD9683 Datasheet HTML 26Page - Analog Devices AD9683 Datasheet HTML 27Page - Analog Devices AD9683 Datasheet HTML 28Page - Analog Devices AD9683 Datasheet HTML 29Page - Analog Devices AD9683 Datasheet HTML 30Page - Analog Devices AD9683 Datasheet HTML 31Page - Analog Devices AD9683 Datasheet HTML 32Page - Analog Devices AD9683 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Data Sheet
AD9683
Rev. 0 | Page 29 of 44
0
–0.5
0.5
ULS
PERIOD1: HISTOGRAM
6000
7000
–10
0
TIME (ps)
10
5000
4000
1000
0
2000
3000
1–16
1–14
1–12
1–10
1–8
1–6
1–4
1–2
1
3
–
2
–
–100
–200
0
100
200
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
HEIGHT1: EYE DIAGRAM
1
–
TJ AT BER1: BATHTUB
EYE: ALL BITS OFFSET: 0
ULS: 7000; 993329 TOTAL: 7000; 993329
Figure 64. AD9683 Digital Outputs Data Eye, Histogram and Bathtub, External 100 Ω Terminations at 5 Gbps
0
–0.5
0.5
ULS
PERIOD1: HISTOGRAM
6000
7000
–10
0
TIME (ps)
10
5000
4000
1000
0
2000
3000
1–16
1–14
1–12
1–10
1–8
1–6
1–4
1–2
1
3
–
2
–
–50
–150
–250
0
50
250
150
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
HEIGHT1: EYE DIAGRAM
1
–
TJ AT BER1: BATHTUB
EYE: ALL BITS OFFSET: 0.0018
ULS: 8000; 673330 TOTAL: 8000; 673330
Figure 65. AD9683 Digital Outputs Data Eye, Histogram and Bathtub, External 100 Ω Terminations at 3.4 Gbps
ADC OVERRANGE AND GAIN CONTROL
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overflow indicator provides delayed information on
the state of the analog input that is of limited value in preventing
clipping. Therefore, it is helpful to have a programmable threshold
below full scale that allows time to reduce the gain before the
clip occurs. In addition, because input signals can have significant
slew rates, latency of this function is of concern.
Using the SPI port, the user can provide a threshold above which
the FD output is active. Bit 0 of Address 0x45 enables the fast
detect feature. Address 0x47 to Address 0x4A allow the user to
set the threshold levels. As long as the signal is below the selected
threshold, the FD output remains low. In this mode, the magnitude
of the data is considered in the calculation of the condition, but
the sign of the data is not considered. The threshold detection
responds identically to positive and negative signals outside the
desired range (magnitude).
ADC Overrange (OR)
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange condition is
determined at the output of the ADC pipeline and, therefore, is
subject to a latency of 36 ADC clock cycles. An overrange at the
input is indicated by this bit 36 clock cycles after it occurs.
Gain Switching
The AD9683 includes circuitry that is useful in applications
either where large dynamic ranges exist or where gain ranging
amplifiers are employed. This circuitry allows digital thresholds
to be set such that an upper threshold and a lower threshold can
be programmed.
One such use is to detect when an ADC is about to reach full
scale with a particular input condition. The result is to provide
an indicator that can be used to quickly insert an attenuator that
prevents ADC overdrive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com