Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9683 Datasheet HTML 9Page - Analog Devices AD9683 Datasheet HTML 10Page - Analog Devices AD9683 Datasheet HTML 11Page - Analog Devices AD9683 Datasheet HTML 12Page - Analog Devices AD9683 Datasheet HTML 13Page - Analog Devices AD9683 Datasheet HTML 14Page - Analog Devices AD9683 Datasheet HTML 15Page - Analog Devices AD9683 Datasheet HTML 16Page - Analog Devices AD9683 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
AD9683
Rev. 0 | Page 13 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, maximum sample rate for speed grade, VIN = −1.0 dBFS, 1.75 V p-p differential input,
DCS enabled, 16k sample, TA = 25°C, default SPI, unless otherwise noted.
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
THIRD HARMONIC
170MSPS
90.1MHz AT –1.0dBFS
SNR = 70.7dB (71.7dBFS)
SFDR = 89dBc
SECOND HARMONIC
Figure 5. AD9683-170 Single-Tone FFT with fIN = 90.1 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
170MSPS
90.1MHz AT –1.0dBFS
SNR = 71.1dB (72.1dBFS)
SFDR = 88dBc
Figure 6. AD9683-170 Single-Tone FFT with fIN = 90.1 MHz, RFCLK = 680 MHz
with Divide by 4 (Address 0x09 = 0x21)
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
185.1MHz AT –1.0dBFS
SNR = 69.6dB (70.6 dBFS)
SFDR = 90dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 7. AD9683-170 Single-Tone FFT with fIN = 185.1 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
185.1MHz AT –1dBFS
SNR = 70.1dB (71.1dBFS)
SFDR = 84dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 8. AD9683-170 Single-Tone FFT with fIN = 185.1 MHz,
RFCLK = 680 MHz with Divide by 4 (Address 0x09 = 0x21)
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
305.1MHz AT –1.0dBFS
SNR = 67.6dB (68.6dBFS)
SFDR = 85dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 9. AD9683-170 Single-Tone FFT with fIN = 305.1 MHz
0
20
40
60
80
100
120
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 10. AD9683-170 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 185.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com