Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVG-65 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

HVG-65 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # HVG-65
Download  HVG-65 Download
File Size   157.93 Kbytes
Page   8 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description WIDE INPUT RANGE 180~528VAC

HVG-65 Datasheet (PDF)

Go To PDF Page Download Datasheet
HVG-65 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # HVG-65
Download  HVG-65 Click to download

File Size   157.93 Kbytes
Page   8 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description WIDE INPUT RANGE 180~528VAC

HVG-65 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


HVG-65 Product details

Description
HVG-65 series is a 65W AC/DC LED driver featuring the dual mode constant voltage and constant current output. HVG-65 operates from 180~528VAC and offers models with different rated voltage ranging between 12V and 54V.

Applications
• LED street lighting
• LED high-bay lighting
• Parking space lighting
• LED fishing lamp
• LED greenhouse lighting




Similar Part No. - HVG-65

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-100 MEANWELL-HVG-100 Datasheet
318Kb / 6P
100W Single Output Switching Power Supply
HVG-100 MEANWELL-HVG-100 Datasheet
323Kb / 6P
100W Single Output Switching Power Supply
HVG-100-15 MEANWELL-HVG-100-15 Datasheet
318Kb / 6P
100W Single Output Switching Power Supply
HVG-100-15 MEANWELL-HVG-100-15 Datasheet
323Kb / 6P
100W Single Output Switching Power Supply
HVG-100-20 MEANWELL-HVG-100-20 Datasheet
318Kb / 6P
100W Single Output Switching Power Supply
More results


Similar Description - HVG-65

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
Vicor Corporation
V300C5H50BL VICOR-V300C5H50BL Datasheet
811Kb / 13P
DC input range: 180 - 375 V
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
logo
Mean Well Enterprises C...
HVGC-65 MEANWELL-HVGC-65 Datasheet
159Kb / 8P
WIDE INPUT RANGE 180~528VAC
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
5W WIDE INPUT RANGE
2010/07/01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com