Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4000 Datasheet (PDF) - Dallas Semiconductor

DS4000 Datasheet PDF - Dallas Semiconductor
Part # DS4000
Download  DS4000 Download
File Size   227.82 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digitally Controlled TCXO

DS4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS4000 Datasheet PDF - Dallas Semiconductor

Part # DS4000
Download  DS4000 Click to download

File Size   227.82 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digitally Controlled TCXO

DS4000 Datasheet (HTML) - Dallas Semiconductor


DS4000 Product details

GENERAL DESCRIPTION

The DS4000 digitally controlled temperature-compensated crystal oscillator (DC-TCXO) features a digital temperature sensor, one fixed-frequency temperature compensated square-wave output (F1), one programmable temperature-compensated square wave output (F2), and digital communication for frequency tuning (SDA, SCL).



FEATURES

Aging ≤1.0ppm (First Year)

Frequency Stability ±1.0ppm from -40°C to +85°C

Frequency Versus Supply Stability of ±1.0ppm per Volt

Base Frequency is Digitally Tunable by ±10ppm

One Fixed-Frequency Output and One

(n + 1) or 2(n + 1) Division of the Base

Frequency Output

Temperature Measurements from -40Cto +85C with 10-Bit/+0.25°C Resolution and ±3°C Accuracy

2-Wire Serial Interface




Similar Part No. - DS4000

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DS40001853 MICROCHIP-DS40001853 Datasheet
6Mb / 558P
Full-Featured 14/16/20-Pin Microcontrollers
08/15/18
DS40001853 MICROCHIP-DS40001853 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
DS40001853 MICROCHIP-DS40001853 Datasheet
8Mb / 605P
Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
DS40001865 MICROCHIP-DS40001865 Datasheet
6Mb / 558P
Full-Featured 14/16/20-Pin Microcontrollers
08/15/18
DS40001865 MICROCHIP-DS40001865 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
More results


Similar Description - DS4000

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
Digitally Controlled Potentiometer
September 16, 2005
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
Digitally Controlled Potentiometer
September 5, 2006
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
Digitally Controlled Potentiometer
February 3, 2011
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
Digitally Controlled Potentiometer
September 14, 2005
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com