Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS01 Datasheet (PDF) - Toshiba Semiconductor

CUS01 Datasheet PDF - Toshiba Semiconductor
Part # CUS01
Download  CUS01 Download
File Size   238.13 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Portable eqiupment battery application

CUS01 Datasheet (PDF)

Go To PDF Page Download Datasheet
CUS01 Datasheet PDF - Toshiba Semiconductor

Part # CUS01
Download  CUS01 Click to download

File Size   238.13 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Portable eqiupment battery application

CUS01 Datasheet (HTML) - Toshiba Semiconductor


CUS01 Product details

Portable Equipment Battery Applications

• Repetitive peak reverse voltage : VRRM = 30 V
• Average forward current : IF (AV) = 1.0 A
• Peak forward voltage : VFM = 0.37 V (max) @IF = 0.7 A
• Suitable for high-density board assembly due to the use of a small Toshiba Nickname: US−FLATTM




Similar Part No. - CUS01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01 Datasheet
158Kb / 5P
Portable Equipment Battery Application
CUS01 TOSHIBA-CUS01_06 Datasheet
158Kb / 5P
Portable Equipment Battery Application
More results


Similar Description - CUS01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U2FWJ44M TOSHIBA-U2FWJ44M Datasheet
250Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION PORTABLE EQUIPMENT BATTERY APPLICATION
CUS01 TOSHIBA-CUS01_06 Datasheet
158Kb / 5P
Portable Equipment Battery Application
logo
KODENSHI_AUK CORP.
STJ001SF KODENSHI-STJ001SF Datasheet
465Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STJ004SF KODENSHI-STJ004SF Datasheet
465Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STK003SF KODENSHI-STK003SF Datasheet
459Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STK004SF KODENSHI-STK004SF Datasheet
457Kb / 8P
PORTABLE EQUIPMENT APPLICATION
logo
Toshiba Semiconductor
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
CUS06 TOSHIBA-CUS06 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Shenzhen Guan Hua Wei Y...
WSD45P10DN56 WIINSOK-WSD45P10DN56 Datasheet
1Mb / 5P
Portable equipment and battery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com