Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS06 Datasheet (PDF) - Toshiba Semiconductor

CUS06 Datasheet PDF - Toshiba Semiconductor
Part # CUS06
Download  CUS06 Download
File Size   174.76 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Mode Power Supply Applications Portable Equipment Battery Application

CUS06 Datasheet (PDF)

Go To PDF Page Download Datasheet
CUS06 Datasheet PDF - Toshiba Semiconductor

Part # CUS06
Download  CUS06 Click to download

File Size   174.76 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Mode Power Supply Applications Portable Equipment Battery Application

CUS06 Datasheet (HTML) - Toshiba Semiconductor


CUS06 Product details

Switching Mode Power Supply Applications
Portable Equipment Battery Application

• Forward voltage: VFM = 0.45 V (max) @IF = 0.7 A
• Average forward current: IF (AV) = 1.0 A
• Repetitive peak reverse voltage: VRRM = 20 V
• Suitable for high-density board assembly due to the use of a small Surface-mount package, US−FLATTM




Similar Part No. - CUS06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01 Datasheet
238Kb / 5P
Portable eqiupment battery application
CUS01 TOSHIBA-CUS01 Datasheet
158Kb / 5P
Portable Equipment Battery Application
CUS01 TOSHIBA-CUS01_06 Datasheet
158Kb / 5P
Portable Equipment Battery Application
CUS02 TOSHIBA-CUS02 Datasheet
255Kb / 5P
SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE
CUS02 TOSHIBA-CUS02 Datasheet
162Kb / 5P
Switching Mode Power Supply Applications
More results


Similar Description - CUS06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS04 TOSHIBA-CMS04 Datasheet
183Kb / 4P
Switching Mode Podwe Supply Appications Portable Equipment Battery Applications
CMS07 TOSHIBA-CMS07 Datasheet
129Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS08 TOSHIBA-CRS08 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS09 TOSHIBA-CMS09 Datasheet
134Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS02 TOSHIBA-CMS02 Datasheet
118Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS05 TOSHIBA-CRS05 Datasheet
175Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
U2FWJ44M TOSHIBA-U2FWJ44M Datasheet
250Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION PORTABLE EQUIPMENT BATTERY APPLICATION
CUS15I30A TOSHIBA-CUS15I30A Datasheet
197Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS16 TOSHIBA-CMS16 Datasheet
182Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com