Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS06 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CUS06
Description  Switching Mode Power Supply Applications Portable Equipment Battery Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS06 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CUS06 Datasheet HTML 1Page - Toshiba Semiconductor CUS06 Datasheet HTML 2Page - Toshiba Semiconductor CUS06 Datasheet HTML 3Page - Toshiba Semiconductor CUS06 Datasheet HTML 4Page - Toshiba Semiconductor CUS06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CUS06
2010-02-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.1 A
⎯
0.35
⎯
VFM (2)
IFM = 0.7 A
⎯
0.42
0.45
Peak forward voltage
VFM (3)
IFM = 1.0 A
⎯
0.47
⎯
V
IRRM (1)
VRRM = 5 V
⎯
0.7
⎯
μA
Repetitive peak reverse current
IRRM (2)
VRRM = 20 V
⎯
3.0
30
μA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
⎯
40
⎯
pF
Device mounted on a ceramic board
(board size: 50 mm × 50 mm)
(soldering land: 2 mm × 2 mm)
(board thickness: 0.64 mm)
⎯
⎯
75
Thermal resistance
(junction to ambient)
Rth (j-a)
Device mounted on a glass-epoxy board
(board size: 50 mm × 50 mm)
(soldering land: 6 mm × 6 mm)
(board thickness: 1.6 mm)
⎯
⎯
150
°C/W
Thermal resistance (junction to lead)
Rth (j-ℓ)
Junction to lead of cathode side
⎯
⎯
30
°C/W
Marking
Abbreviation Code
Part No.
6
CUS06
Standard Soldering Pad
Handling Precaution
Schottky barrier diodes have reverse current characteristic compared to the other diodes.
There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage.
This device is VF-IRRM trade-off type, lower VF higher IRRM; therefore, thermal runaway might occur when
voltage is applied. Please take forward and reverse loss into consideration during the design.
The absolute maximum ratings are rated values and must not be exceeded during operation, even for an instant.
The following are the general derating methods that we recommend for designing a circuit using this device.
VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account designing a device at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IF(AV) and Tj be below 120°C. When using this device, take the margin into consideration by
using an allowable Tamax-IF(AV) curve.
IFSM:
This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation,
which seldom occurs during the lifespan of the device.
Tj:
Derate this rating when using a device in order to ensure high reliability. We recommend that the
device be used at Tj of below 120°C.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When
using a device, please design a circuit board and a soldering land size to match the appropriate thermal resistance
value.
Refer to the Rectifiers databook for further information.
Unit: mm
2.0
1.1
0.5
0.8
0.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com