Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS16 Datasheet (PDF) - Toshiba Semiconductor

CMS16 Datasheet PDF - Toshiba Semiconductor
Part # CMS16
Download  CMS16 Download
File Size   182.03 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications

CMS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMS16 Datasheet PDF - Toshiba Semiconductor

Part # CMS16
Download  CMS16 Click to download

File Size   182.03 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications

CMS16 Datasheet (HTML) - Toshiba Semiconductor


CMS16 Product details

Switching Mode Power Supply Applications

Portable Equipment Battery Applications

DC-DC Converter Applications



• Forward voltage: VFM = 0.55 V (max) (@IFM = 3.0 A)

• Average forward current: IF (AV) = 3.0 A

• Repetitive peak reverse voltage: VRRM = 40 V

• Suitable for compact assembly due to a small surface-mount package: “M−FLATTM” (Toshiba package name)”




Similar Part No. - CMS16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMS16 VISHAY-CMS16 Datasheet
123Kb / 4P
Wirewound Resistors, Commercial Power, Silicone Coated, Capacitor Mount
24-Mar-15
More results


Similar Description - CMS16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS07 TOSHIBA-CMS07 Datasheet
129Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS08 TOSHIBA-CRS08 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS09 TOSHIBA-CMS09 Datasheet
134Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS02 TOSHIBA-CMS02 Datasheet
118Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS05 TOSHIBA-CRS05 Datasheet
175Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
TPCF8402_0912 TOSHIBA-TPCF8402_0912 Datasheet
319Kb / 11P
Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
CUS15I30A TOSHIBA-CUS15I30A Datasheet
197Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
CUS06 TOSHIBA-CUS06 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
CMF02TE12L.Q TOSHIBA-CMF02TE12L.Q Datasheet
159Kb / 4P
Switching Mode Power Supply Applications DC/DC Converter Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com